Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM101 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSM101
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM101 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSM101 Datasheet HTML 5Page - STMicroelectronics TSM101 Datasheet HTML 6Page - STMicroelectronics TSM101 Datasheet HTML 7Page - STMicroelectronics TSM101 Datasheet HTML 8Page - STMicroelectronics TSM101 Datasheet HTML 9Page - STMicroelectronics TSM101 Datasheet HTML 10Page - STMicroelectronics TSM101 Datasheet HTML 11Page - STMicroelectronics TSM101 Datasheet HTML 12Page - STMicroelectronics TSM101 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Figure 5 : Precise Output Voltage Control
5.3. Higher Precision for the Voltage Control
The voltage drop through the sense resistor R5
offsets the voltage measurement. In most battery
charging applications, this offset is not taken into
account because the error is negligeable com-
pared to the end-of-charge voltage due to the fact
that the charging current value decreases drasti-
cally during the final phase of the battery charging.
But in other applications needing highest possible
precision in voltage control, another connecting
schematic is possible for TSM101 as shown on
figure 5.
In this schematic, the 0V reference is defined as
the common point between the sense resistor, the
0V Output Voltage, the foot of the resistor bridge
R6/R7, and the ground (pin 4) of the TSM101.
TSM101A(1% internal voltage reference precision)
is required in such applications.
5.4. An example of application where the
charging current is different according to the
charging phase.
The following application includes a specific recom-
mendation which requires that the charging current
should be fixed to Ich1 = 800mAin normal charging
conditions, and Ich2 = 200mA when the cell volt-
age is below Vl=2.5V to optimize the cell life-time.
Moreover, an Charging Status LED should be
switched off when the cell voltage is above
Vh=6.5V.
Figure 6 shows how this can easily be achieved
using an additional dual comparator (type LM393)
where the first operator (C1) is used to activate the
TSM101 internal current generator to offset the
current measurement thanks to R4, and the second
(C2) is used to switch the status LED off. On figure
6, the status signal is determined by voltage meas-
urement, this could as well be achieved by current
measurement.
If V5 = 100mV is the maximum tolerable voltage
drop through the sense resistor R5 during normal
TSM101/A
9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com