Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM101 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM101
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM101 Datasheet(HTML) 1 Page - STMicroelectronics

  TSM101 Datasheet HTML 1Page - STMicroelectronics TSM101 Datasheet HTML 2Page - STMicroelectronics TSM101 Datasheet HTML 3Page - STMicroelectronics TSM101 Datasheet HTML 4Page - STMicroelectronics TSM101 Datasheet HTML 5Page - STMicroelectronics TSM101 Datasheet HTML 6Page - STMicroelectronics TSM101 Datasheet HTML 7Page - STMicroelectronics TSM101 Datasheet HTML 8Page - STMicroelectronics TSM101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TSM101/A
VOLTAGE AND CURRENT CONTROLLER
June 1999
1
2
3
4
8
5
6
7
Vref
PIN CONNECTIONS
®
.
1.24V SERIES VOLTAGE REFERENCE WITH
10mA OUTPUT CURRENT AND 1% PRECI-
SION (TSM101A)
.
TWO
OPERATIONAL AMPLIFIERS WITH
ORED OUTPUT AND 1MHZ GAIN BAND-
WIDTH PRODUCT
.
BUILT-IN CURRENT GENERATOR WITH EN-
ABLE/DISABLE FUNCTION
.
4.5 TO 32V SUPPLY VOLTAGE RANGE
.
SO8, DIP8 AND TSSOP8 PACKAGES
DESCRIPTION
The TSM101/TSM101Aintegrated circuit incorpo-
rates a high stability series band gap voltage refer-
ence, two ORed operational amplifiers and a
current source.
This IC compares the DC voltage and the current
level at the output of a switching power supply to
an internal reference. It provides a feedback
through an optocoupler to the PWM controller IC in
the primary side.
The controlled current generator can be used to
modify the level of current limitation by offsetting
the information coming from the current sensing
resistor.
APPLICATIONS
This circuit is designed to be used in battery charg-
ers with a constant voltage and a limited output
current.
It can be used in every types of applicationrequiring
a precision voltage regulation and current limita-
tion.
Other applications include voltage supervisors,
over voltage protection...
ORDER CODES
Part Number
Temperature
Range
Package
NDP
TSM101C/AC
-20, +80
oC
•••
TSM101I/AI
-40, +105
oC
•••
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
P
TSSOP8
(Thin Shrink Small Outline Package)
1/15


Similar Part No. - TSM101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101 Datasheet
389Kb / 13P
VOLTAGE AND CURRENT CONTROLLER
Jun-2001
TSM1011 STMICROELECTRONICS-TSM1011 Datasheet
167Kb / 9P
Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
Sep-2003
TSM1011 STMICROELECTRONICS-TSM1011 Datasheet
170Kb / 9P
Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
Nov-2003
TSM1011AID STMICROELECTRONICS-TSM1011AID Datasheet
167Kb / 9P
Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
Sep-2003
TSM1011AIS STMICROELECTRONICS-TSM1011AIS Datasheet
167Kb / 9P
Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
Sep-2003
More results

Similar Description - TSM101

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP103H INTERPION-IP103H Datasheet
232Kb / 11P
Voltage and Current Controller
logo
List of Unclassifed Man...
CYT101 ETC2-CYT101 Datasheet
1Mb / 3P
Voltage and Current Controller
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101_01 Datasheet
389Kb / 13P
VOLTAGE AND CURRENT CONTROLLER
Jun-2001
TSM102 STMICROELECTRONICS-TSM102_04 Datasheet
102Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
TSM101ACDT STMICROELECTRONICS-TSM101ACDT Datasheet
391Kb / 13P
VOLTAGE AND CURRENT CONTROLLER
Jun-2001
TSM102AIDT STMICROELECTRONICS-TSM102AIDT Datasheet
105Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
logo
E-Tech Electronics LTD
UM601_A ETL-UM601_A Datasheet
159Kb / 5P
VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A Datasheet
150Kb / 6P
VOLTAGE AND CURRENT CONTROLLER
logo
First Components Intern...
FTSM101A FCI-FTSM101A Datasheet
166Kb / 7P
VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A_17 Datasheet
122Kb / 6P
VOLTAGE AND CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com