Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM101 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSM101
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM101 Datasheet(HTML) 3 Page - STMicroelectronics

  TSM101 Datasheet HTML 1Page - STMicroelectronics TSM101 Datasheet HTML 2Page - STMicroelectronics TSM101 Datasheet HTML 3Page - STMicroelectronics TSM101 Datasheet HTML 4Page - STMicroelectronics TSM101 Datasheet HTML 5Page - STMicroelectronics TSM101 Datasheet HTML 6Page - STMicroelectronics TSM101 Datasheet HTML 7Page - STMicroelectronics TSM101 Datasheet HTML 8Page - STMicroelectronics TSM101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ELECTRICAL CHARACTERISTICS
Tamb =25
oC, VCC = 15V (unless otherwise specified)
VOLTAGE REFERENCE : TSM101
Symbol
Parameter
Test Conditions
TSM101C
TSM101I
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vref
Reference Voltage
Iout = 1mA, Tamb. =25
oC
1.21
1.24
1.27
1.21
1.24
1.27
V
Kvt
Temperature Stability
Tmin. <Tamb.<Tmax.
30
100
35
120
ppm/
oC
Reglo
Load Regulation
1 < Iout < 10mA
5
15
5
15
mV
Regli
Line Regulation
5 < Vin < 32V
3.5
10
3.5
10
mV
VOLTAGE REFERENCE : TSM101A
Symbol
Parameter
Test Conditions
TSM101AC
TSM101AI
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vref
Reference Voltage
Iout = 1mA, Tamb. =25
oC 1.227
1.24
1.252
1.227
1.24
1.252
V
Kvt
Temperature Stability
Tmin. <Tamb.<Tmax.
30
100
35
120
ppm/
oC
Reglo
Load Regulation
1 < Iout < 10mA
5
15
5
15
mV
Regli
Line Regulation
5 < Vin < 32V
3.5
10
3.5
10
mV
CURRENT GENERATOR : TSM101, TSM101A
Symbol
Parameter
Test Conditions
TSM101C/AC
TSM101I/AI
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Io
Current Source
1.4
1.4
mA
Kcgt
Temperature Stability
Tmin. <Tamb.<Tmax.
500
600
ppm/
oC
Cglir
Line Regulation
4.5 < VCC < 32V
0.003
0.03
0.003
0.03
mA
Vcsen
Voltage at the enable
pin to have
IO = 1.4mA
Tmin. <Tamb.<Tmax.
0.6
0.6
V
Vcsdis
Voltage at the enable
pin to have
IO = 0mA
Tmin. <Tamb.<Tmax.
22
V
Icsen
Input Current on the
Csen pin
Tmin. <Tamb.<Tmax.
30
30
µA
Icsleak
Leakage Current
Vcs =2V
Tmin. <Tamb.<Tmax.
0.5
2
0.5
2
µA
TSM101/A
3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com