Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM101 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSM101
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM101 Datasheet(HTML) 2 Page - STMicroelectronics

  TSM101 Datasheet HTML 1Page - STMicroelectronics TSM101 Datasheet HTML 2Page - STMicroelectronics TSM101 Datasheet HTML 3Page - STMicroelectronics TSM101 Datasheet HTML 4Page - STMicroelectronics TSM101 Datasheet HTML 5Page - STMicroelectronics TSM101 Datasheet HTML 6Page - STMicroelectronics TSM101 Datasheet HTML 7Page - STMicroelectronics TSM101 Datasheet HTML 8Page - STMicroelectronics TSM101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
OPERATING CONDITIONS
Symbol
Parameter
TSM101C/AC/I/AI
Unit
Value
VCC
Supply Voltage
4.5 to 32
V
Toper
Operating Free Air Temperature Range
Tmin. to Tmax.
oC
ELECTRICAL CHARACTERISTICS
Tamb =25
oC, VCC = 15V (unless otherwise specified)
OPERATIONAL AMPLIFIER : TSM101C/I/AC/AI
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICC
Total Supply Current
VCC = 15V
2
mA
Vi
Input Voltage Range
0
VCC -1.5V
V
Vio
Input Offset Voltage
25
oC
Tmin. <Tamb.<Tmax.
-5
-7
15
7
mV
Iib
Input Bias Current
@Vin = 1.2V on pin 7 and Vin = 0V on pin 5
25
oC
Tmin. <Tamb.<Tmax.
-700
-1000
-300
0
0
nA
Isink
Output Sink Current, Vol = 2.5V
25
oC
Tmin. <Tamb.<Tmax.
8
15
mA
Avo
Large Signal Voltage Gain
RL =2k
Ω
Tmin. <Tamb.<Tmax.
15
V/mV
SVR
Supply Voltage Rejection Ratio
Tmin. <Tamb.<Tmax.
65
90
dB
CMR
Common Mode Rejection Ratio
Tmin. <Tamb.<Tmax.
80
dB
GBP
Gain Bandwidth Product
VCC = 15V, F = 100kHz
Vin = 10mV, RL = 2k
Ω
CL = 100pF
1
MHz
Ioh
Output Leakage Current
25
oC
Tmin. <Tamb.<Tmax.
2
7
µA
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage - (note 1)
36
V
Iout
Output Current - (note 2)
20
mA
Pd
Power Dissipation
200
mW
Vin
Input Voltage - (note 3)
-0.3, VCC -1.5
V
Iin
Input Current
±1mA
Tstg
Storage Temperature
-40 to +125
oC
Tj
Maximum Junction Temperature
150
oC
Tthja
Thermal Resistante Junction to Ambiant
130 to 200
oC/W
Notes : 1. All voltages values, except differential voltage are with respect to network ground terminal
2. The voltage reference is not protected against permanent short circuit
TSM101/A
2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com