Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1691 Datasheet(PDF) 39 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 35Page - Texas Instruments PCM1691 Datasheet HTML 36Page - Texas Instruments PCM1691 Datasheet HTML 37Page - Texas Instruments PCM1691 Datasheet HTML 38Page - Texas Instruments PCM1691 Datasheet HTML 39Page - Texas Instruments PCM1691 Datasheet HTML 40Page - Texas Instruments PCM1691 Datasheet HTML 41Page - Texas Instruments PCM1691 Datasheet HTML 42Page - Texas Instruments PCM1691 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
47 W
1 F
m
AnalogOutput
(2V
)
RMS
R
1
VOUTx
(4V )
PP
C
2
C
1
R
4
R
3
R
2
47kW
47 W
10 F
m
AnalogOutput
(1.4V
)
RMS
R
1
VOUTx
(4V )
PP
C
2
C
1
R
2
5V
PCM1691
www.ti.com.............................................................................................................................................................................................. SBAS450 – OCTOBER 2008
NOTE: Amplifier is an NE5532A x 1/2 or OPA2134 x1/2; R1 = 2.2 kΩ; R2 = 9.1 kΩ; R3 = 4.7 kΩ; R4 = 2.2 kΩ; C1 = 1000 pF; C2 = 470 pF;
Gain = 1.47; f–3 dB = 52 kHz.
Figure 43. Typical Post-LPF and Buffer (2 VRMS Output) for Noninverting Output
NOTE: Amplifier is an OPA2353 x 1/2; R1 = 2.2 kΩ; R2 = 6.8 kΩ; C1 = 1000 pF; C2 = 470 pF; Gain = 1.00; f–3 dB = 52 kHz.
Figure 44. Capless Post-LPF and Buffer Using 5-V Single Supply (1.4 VRMS Output) for Noninverting
Output
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com