Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1691 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 9Page - Texas Instruments PCM1691 Datasheet HTML 10Page - Texas Instruments PCM1691 Datasheet HTML 11Page - Texas Instruments PCM1691 Datasheet HTML 12Page - Texas Instruments PCM1691 Datasheet HTML 13Page - Texas Instruments PCM1691 Datasheet HTML 14Page - Texas Instruments PCM1691 Datasheet HTML 15Page - Texas Instruments PCM1691 Datasheet HTML 16Page - Texas Instruments PCM1691 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
PRODUCT OVERVIEW
ANALOG OUTPUTS
VOLTAGE REFERENCE VCOM
PCM1691
www.ti.com.............................................................................................................................................................................................. SBAS450 – OCTOBER 2008
The PCM1691 is a high-performance, multi-channel DAC targeted for consumer audio applications such as
Blu-ray Disc players and DVD players, as well as home multi-channel audio applications (such as home theater
systems and A/V receivers). The PCM1691 consists of an eight-channel DAC. The DAC output type is fixed with
a single-ended configuration. The PCM1691 supports 16-/20-/24-/32-bit linear PCM input data in I2S and
left-justified audio formats, and 24-bit linear PCM input data in right-justified, DSP, and TDM formats with various
sampling frequencies from 8 kHz to 192 kHz. The TDM format is useful for saving the interface bus line number
for multi-channel audio data communication between the DAC and the digital audio processor. The PCM1691
offers three modes for device control: two-wire I2C software, three-wire SPI software, and hardware.
The PCM1691 includes an eight-channel DAC, with single-ended voltage outputs pins. The full-scale output
voltage is (0.8 × VCC1) VPP in single-ended output mode. These single-ended outputs are each capable of
driving 0.8 × VCC1 (4 VPP) typical into a 5-kΩ ac-coupled load with VCC1 = +5 V. The internal output amplifiers
for VOUT1 through VOUT8 are biased to the dc common voltage, equal to (0.5 × VCC1).
The output amplifiers include an RC continuous-time filter that helps to reduce the out-of-band noise energy
present at the DAC outputs as a result of the noise shaping characteristics of the PCM1691 delta-sigma (
ΔΣ)
DACs. The frequency response of this filter is shown in the Analog Filter Characteristic (Figure 10) of the Typical
Characteristics. By itself, this filter is not enough to attenuate the out-of-band noise to an acceptable level for
most applications. An external low-pass filter is required to provide sufficient out-of-band noise rejection. Further
discussion of DAC post-filter circuits is provided in the Application Information section.
Table 1. Pin Assignments in Single-Ended Output Mode
DIGITAL INPUT
CHANNEL
SINGLE-ENDED OUTPUT
1 (DAC1)
VOUT1
DIN1
2 (DAC2)
VOUT2
3 (DAC3)
VOUT3
DIN2
4 (DAC4)
VOUT4
5 (DAC5)
VOUT5
DIN3
6 (DAC6)
VOUT6
7 (DAC7)
VOUT7
DIN4
8 (DAC8)
VOUT8
The PCM1691 includes a pin for the common-mode voltage output, VCOM. This pin should be connected to the
analog ground via a decoupling capacitor. This pin can also be used to bias external high-impedance circuits, if
they are required.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com