Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1691 Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 5Page - Texas Instruments PCM1691 Datasheet HTML 6Page - Texas Instruments PCM1691 Datasheet HTML 7Page - Texas Instruments PCM1691 Datasheet HTML 8Page - Texas Instruments PCM1691 Datasheet HTML 9Page - Texas Instruments PCM1691 Datasheet HTML 10Page - Texas Instruments PCM1691 Datasheet HTML 11Page - Texas Instruments PCM1691 Datasheet HTML 12Page - Texas Instruments PCM1691 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
TYPICAL CHARACTERISTICS: Digital Filter
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
4
NormalizedFrequency(f )
S
0
3
2
1
Sharp
Slow
0.010
0.008
0.006
0.004
0.002
0
0.002
0.004
0.006
0.008
0.010
-
-
-
-
-
0.5
NormalizedFrequency(f )
S
0
0.3
0.2
0.1
0.4
Sharp
Slow
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
4
NormalizedFrequency(f )
S
0
3
2
1
Sharp
Slow
0.010
0.008
0.006
0.004
0.002
0
0.002
0.004
0.006
0.008
0.010
-
-
-
-
-
0.5
NormalizedFrequency(f )
S
0
0.3
0.2
0.1
0.4
Sharp
Slow
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
2.0
NormalizedFrequency(f )
S
0
1.5
1.0
0.5
Sharp
Slow
0.010
0.008
0.006
0.004
0.002
0
0.002
0.004
0.006
0.008
0.010
-
-
-
-
-
0.5
NormalizedFrequency(f )
S
0
0.3
0.2
0.1
0.4
Sharp
Slow
PCM1691
www.ti.com.............................................................................................................................................................................................. SBAS450 – OCTOBER 2008
All specifications at TA = +25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit data, and Sampling
mode = Auto, unless otherwise noted.
FREQUENCY RESPONSE
FREQUENCY RESPONSE PASSBAND
(Single Rate)
(Single Rate)
Figure 1.
Figure 2.
FREQUENCY RESPONSE
FREQUENCY RESPONSE PASSBAND
(Dual Rate)
(Dual Rate)
Figure 3.
Figure 4.
FREQUENCY RESPONSE
FREQUENCY RESPONSE PASSBAND
(Quad Rate)
(Quad Rate)
Figure 5.
Figure 6.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com