Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1691 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 17Page - Texas Instruments PCM1691 Datasheet HTML 18Page - Texas Instruments PCM1691 Datasheet HTML 19Page - Texas Instruments PCM1691 Datasheet HTML 20Page - Texas Instruments PCM1691 Datasheet HTML 21Page - Texas Instruments PCM1691 Datasheet HTML 22Page - Texas Instruments PCM1691 Datasheet HTML 23Page - Texas Instruments PCM1691 Datasheet HTML 24Page - Texas Instruments PCM1691 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
SYNCHRONIZATION WITH THE DIGITAL AUDIO SYSTEM
Stateof
Synchronization
Synchronous
Normal
Normal
Synchronous
Asynchronous
DAC
VOUTx
VCOM
(0.5VCC1)
Within1/f
S
38/f (single,dualrate)
29/f (quadrate)
S
S
UndefinedData
ZERO FLAG
PCM1691
www.ti.com.............................................................................................................................................................................................. SBAS450 – OCTOBER 2008
The PCM1691 operates under the system clock (SCKI) and the audio sampling rate (LRCK). Therefore, SCKI
and LRCK must have a specific relationship. The PCM1691 does not need a specific phase relationship between
the audio interface clocks (LRCK, BCK) and the system clock (SCKI), but does require a specific frequency
relationship (ratiometric) between LRCK, BCK, and SCKI.
If the relationship between SCKI and LRCK changes more than ±2 BCK clocks because of jitter, sampling
frequency change, etc., the DAC internal operation stops within 1/fS, and the analog output is forced into VCOM
(0.5 VCC1) until re-synchronization among SCKI, LRCK, and BCK completes, and then either 38/fS (single, dual
rate) or 29/fS (quad rate) passes. In the event the change is less than ±2 BCKs, re-synchronization does not
occur, and this analog output control and discontinuity does not occur.
Figure 31 shows the DAC analog output during loss of synchronization. During undefined data periods, some
noise may be generated in the audio signal. Also, the transition of normal to undefined data and undefined (or
zero) data to normal data creates a discontinuity of data on the analog outputs, which may then generate some
noise in the audio signal.
The DAC outputs (VOUTx) hold the previous state if the system clock halts, but the asynchronous and
re-synchronization processes will occur after the system clock resumes.
Figure 31. DAC Outputs During Loss of Synchronization
The PCM1691 has two ZERO flag pins (ZERO1 and ZERO2) that can be assigned to the combinations shown in
Table 8. Zero flag combinations are selected through the AZRO[1:0] bits in control register 70 (46h). If the input
data of all the assigned channels remain at '0' for 1024 sampling periods (LRCK clock periods), the ZERO1/2 bits
are set to a high level, logic '1' state. Furthermore, if the input data of any of the assigned channels read '1', the
ZERO1/2 are set to a low level, logic '0' state, immediately. Zero data detection is supported for 16-/20-/24-bit
data width, but is not supported for 32-bit data width.
The active polarity of the zero flag output can be inverted through the ZREV bit in control register 70 (46h). The
reset default is active high for zero detection.
In parallel hardware control mode, ZERO1 and ZERO2 are fixed with combination A, shown in Table 8.
Table 8. Zero Flag Outputs Combination
ZERO FLAG COMBINATION
ZERO1
ZERO2
A
DIN1, left channel
DIN1, right channel
B
DIN1–4
DIN1–4
C
DIN4
DIN1–3
D
DIN1
DIN2–4
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com