Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPR Datasheet(HTML) 44 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 40Page - Texas Instruments PCM3168APAPR Datasheet HTML 41Page - Texas Instruments PCM3168APAPR Datasheet HTML 42Page - Texas Instruments PCM3168APAPR Datasheet HTML 43Page - Texas Instruments PCM3168APAPR Datasheet HTML 44Page - Texas Instruments PCM3168APAPR Datasheet HTML 45Page - Texas Instruments PCM3168APAPR Datasheet HTML 46Page - Texas Instruments PCM3168APAPR Datasheet HTML 47Page - Texas Instruments PCM3168APAPR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
PCM3168A
PCM3168A-Q1
SBAS452 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
70
46
ATMDDA
ATSPDA
DEMP1
DEMP0
AZRO2
AZRO1
AZRO0
ZREV
ATMDDA
DAC Attenuation mode
This bit controls the DAC attenuation mode. ATDA1[7:0] to ATDA8[7:0] are simply used for
ATMDDA = 0, and ATDA0[7:0] + ATDA1[7:0] to ATDA0[7:0] + ATDA8[7:0] in decibel number are
used for ATMDDA = 1.
Default value: 0.
ATMDDA
DAC Attenuation mode
0
Each channel with independent data (default)
All channels with preset (independent) data + master (common) data in decibel
1
number
ATSPDA
DAC Attenuation speed
This bit controls the DAC attenuation speed. N × 2048/fS for ATSPDA = 0 and N × 4096/fS for
ATSPDA = 1. N is automatically selected according to the DAC sampling mode, SRDA, N = 1 for
single rate, N = 2 for dual rate, and N = 4 for quad rate.
Default value: 0.
ATSPDA
DAC Attenuation speed
0
N × 2048/fS (default)
1
N × 4096/fS
DEMP[1:0]
DAC Digital de-emphasis function/sampling rate control
These bits are used to control the enable/disable and sampling frequency of the digital
de-emphasis function.
Default value: 00.
DEMP
DAC Digital de-emphasis function/sampling rate control
00
Disable (default)
01
48 kHz enable
10
44.1 kHz enable
11
32 kHz enable
AZRO[2:0]
DAC Zero flag function select
The AZRO[2:0] bits are used to select the function of the zero flag pin.
Default value: 000.
AZRO
DAC Zero flag function select
000
DAC1/2/3/4/5/6/7/8 (8 channel) zero input detect with AND logic (default)
001
DAC1/2/3/4/5/6/7/8 (8 channel) zero input detect with OR logic
010
DAC1/2/3/4/5/6 (6 channel) zero input detect with AND logic
011
DAC1/2/3/4/5/6 (6 channel) zero input detect with OR logic
100
DAC7/8 (2 channel) zero input detect with AND logic
101
DAC7/8 (2 channel) zero input detect with OR logic
11x
Reserved
44
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com