Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPR Datasheet(HTML) 51 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 47Page - Texas Instruments PCM3168APAPR Datasheet HTML 48Page - Texas Instruments PCM3168APAPR Datasheet HTML 49Page - Texas Instruments PCM3168APAPR Datasheet HTML 50Page - Texas Instruments PCM3168APAPR Datasheet HTML 51Page - Texas Instruments PCM3168APAPR Datasheet HTML 52Page - Texas Instruments PCM3168APAPR Datasheet HTML 53Page - Texas Instruments PCM3168APAPR Datasheet HTML 54Page - Texas Instruments PCM3168APAPR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
85
55
—
—
MUTAD6
MUTAD5
MUTAD4
MUTAD3
MUTAD2
MUTAD1
MUTAD[6:1] ADC Soft Mute control
These bits are used to enable or disable the Soft Mute function for the corresponding ADC
outputs, DOUT. The Soft Mute function is incorporated into the digital attenuators.
When Mute is disabled (MUTAD[6:1] = 0), the attenuator and ADC operate normally. When Mute
is enabled by setting MUTAD[6:1] = 1, the digital attenuator for the corresponding output
decreases from the current setting to infinite attenuation with an s-curve responses and time set
by ATSPAD.
By setting MUTAD[6:1] = 0, the attenuator increases to the last attenuation level with the s-curve
response in same manner as for decreasing levels. This provides pop and zipper noise-free
muting for the ADC input.
The Soft Mute control uses the same digital attenuation level resource setting as the ADC. Mute
control has priority over the digital attenuation level setting.
Default value: 00 0000.
MUTAD
ADC Soft Mute control
xx xxx0
ADC1 Mute disabled
xx xxx1
ADC1 Mute enabled
xx xx0x
ADC2 Mute disabled
xx xx1x
ADC2 Mute enabled
xx x0xx
ADC3 Mute disabled
xx x1xx
ADC3 Mute enabled
xx 0xxx
ADC4 Mute disabled
xx 1xxx
ADC4 Mute enabled
x0 xxxx
ADC5 Mute disabled
x1 xxxx
ADC5 Mute enabled
0x xxxx
ADC6 Mute disabled
1x xxxx
ADC6 Mute enabled
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com