Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPR Datasheet(HTML) 59 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 55Page - Texas Instruments PCM3168APAPR Datasheet HTML 56Page - Texas Instruments PCM3168APAPR Datasheet HTML 57Page - Texas Instruments PCM3168APAPR Datasheet HTML 58Page - Texas Instruments PCM3168APAPR Datasheet HTML 59Page - Texas Instruments PCM3168APAPR Datasheet HTML 60Page - Texas Instruments PCM3168APAPR Datasheet HTML 61Page - Texas Instruments PCM3168APAPR Datasheet HTML 62Page - Texas Instruments PCM3168APAPR Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
DESIGN AND LAYOUT CONSIDERATIONS
Power-Supply Pins (VCCAD1/2, VCCDA1/2, and VDD1/2)
Grounding (AGNDAD1/2, AGNDDA1/2, and DGND1/2)
VIN1±, VIN2±, VIN3±, VIN4±, VIN5±, and VIN6± Pins
VCOMAD and VCOMDA Pins
VREFAD1/2 Pins
VOUT1±, VOU2±, VOUT3±, VOUT4±, VOUT5±, VOUT6±, VOU7±, and VOUT8± Pins
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
The digital and analog power-supply pins of the PCM3168A and PCM3168A-Q1 should be bypassed to the
corresponding ground pins with 1-
µF ceramic capacitors placed as close to the pins as possible. Each
power-supply line (VCC, VDD) to the PCM3168A and PCM3168A-Q1 should be bypassed to the corresponding
ground pins with 10-
µF electrolytic capacitors to maximize the dynamic performance of the ADC and DAC.
Although the PCM3168A and PCM3168A-Q1 have two power lines to maximize the potential of dynamic
performance, using one common source (for instance, a +5-V power supply for VCC and a +3.3-V power supply
for VDD generated from one common source) is recommended to avoid unexpected power-supply trouble such
as latch-up or incorrect power-supply conditions. Also, simultaneous power-on/off of VCC and VDD is
recommended to avoid unexpected transient responses in outputs, though the power-supply sequence of VCC
and VDD is not specified in the operation and absolute maximum ratings point of view.
To maximize the dynamic performance of the PCM3168A and PCM3168A-Q1, the analog and digital grounds
are not connected internally. These pins should have very low impedances to avoid digital noise and signal
components feeding back into the analog ground. All ground pins should be connected directly to each other
under the part, and the device should be connected to the analog ground of the application, as with acceptable
analog layout practices; this layout reduces the potential of noise problems.
In case of direct interface to VINx±, 1-
µF electrolytic capacitors are recommended because the ac-coupling
capacitor (which gives a 2-Hz HPF corner frequency and 47
Ω and 0.1
µF to 470 Ω and 0.001 µF differential
LPF) is recommended as the anti-aliasing filter that gives a 160-kHz LPF corner frequency. If signal source
impedance is not enough (too low) or input line length to the VINx± is not enough (too short), insertion of an
analog front-end buffer (see Figure 59 to Figure 61) is recommended to maximize the dynamic performance. The
voltage coefficient of the capacitor for an anti-aliasing filter should be considered to maximize the THD
performance. A film-type capacitor is recommended; if a ceramic capacitor is used, a relatively higher voltage
type is recommended.
There are three ways to terminate any unused input pins. First, terminate these pins to AGNDAD with 0.001-
µF
to 1-
µF capacitors. This termination is applied on unused pins whose channels are configured in single-ended
mode. The second form of termination is to connect the positive (+) pin and negative (–) pins together and
terminating these to AGNDAD with 0.001-
µF to 1-µF capacitors. This option applies to unused pins with channels
that are configured in differential mode. The last termination method is to terminat the pins directly to VCOMAD;
this option can be applied on unused pins with unused channels combined into two channels that are then
configured in power-save mode.
10-
µF electrolytic capacitors are recommended between VCOMAD and AGNDAD, and VCOMDA and AGNDDA
to ensure a low source impedance of ADC and DAC common voltages. These capacitors should be located as
close to each pin as possible to reduce dynamic errors on the ADC and DAC common voltages.
10-
µF electrolytic capacitors are recommended between VREFAD1/2 and AGNDAD to ensure low source
impedances of ADC references. These capacitors should be located as close to each pin as possible to reduce
dynamic errors on ADC references.
The differential to single-ended buffer with post LPF can be directly connected (without capacitors) to these
output pins (see Figure 63), thereby minimizing the use of coupling capacitors for the 2-VRMS outputs. The op
amp and resistors should be determined with consideration of degrading some performance through this
differential to single-ended and LPF buffer; there is about 1.5-dB degradation seen in the examples of Figure 62
and Figure 63.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com