Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPR Datasheet(HTML) 1 Page - Texas Instruments

  PCM3168APAPR Datasheet HTML 1Page - Texas Instruments PCM3168APAPR Datasheet HTML 2Page - Texas Instruments PCM3168APAPR Datasheet HTML 3Page - Texas Instruments PCM3168APAPR Datasheet HTML 4Page - Texas Instruments PCM3168APAPR Datasheet HTML 5Page - Texas Instruments PCM3168APAPR Datasheet HTML 6Page - Texas Instruments PCM3168APAPR Datasheet HTML 7Page - Texas Instruments PCM3168APAPR Datasheet HTML 8Page - Texas Instruments PCM3168APAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Burr-BrownAudio
1
FEATURES
APPLICATIONS
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
• FLEXIBLE MODE CONTROL:
2345
• 24-BIT ΔΣ ADC AND DAC
–
Four-Wire SPI™, Two-Wire I2C™
Compatible Serial Control Interface or
• SIX-CHANNEL ADC:
Hardware Control
–
High Performance: Differential and
• MULTIPLE FUNCTIONS VIA SPI OR I2C I/F:
Single-Ended, fS = 48 kHz
–
Audio I/F Mode/Format Select for ADC and
–
THD+N: –93 dB (Differential), –93 dB
DAC
(Single-Ended)
–
Digital Attenuation and Soft Mute for ADC
–
SNR: 107 dB (Differential), 104 dB
and DAC
(Single-Ended)
–
Digital De-Emphasis: 32 kHz, 44.1 kHz,
–
Dynamic Range: 107 dB (Differential),
48 kHz for DAC
104 dB (Single-Ended)
–
Data Polarity Control for ADC and DAC
–
Sampling Rate: 8 kHz to 96 kHz
–
Power Down ADC/DAC Independently
–
System Clock: 256 fS, 384 fS, 512 fS, 768 fS
• MULTI FUNCTIONS VIA H/W CONTROL:
–
Differential Voltage Input: 2 VRMS
–
Audio I/F Mode/Format Select
–
Single-Ended Voltage Input: 1 VRMS
–
Digital De-Emphasis Filter:
–
Decimation Filter:
44.1 kHz for DAC
–
Passband Ripple: ±0.035 dB
• EXTERNAL RESET PIN:
–
Stop Band Attenuation: –75 dB
–
ADC/DAC Simultaneous
–
On-Chip, High-Pass Filter:
• AUDIO INTERFACE MODE:
0.96 Hz at fS = 48 kHz
–
ADC/DAC Independent Master/Slave
–
Overflow Flag
• AUDIO DATA FORMAT:
• EIGHT-CHANNEL DAC:
–
ADC/DAC Independent I2S™, Left-Justified,
–
High Performance: Differential, fS = 48 kHz
Right-Justified, DSP, TDM
–
THD+N: –94 dB
• POWER SUPPLIES: 5 V for Analog and
–
SNR: 112 dB
3.3 V for Digital
–
Dynamic Range: 112 dB
• PACKAGE: HTQFP-64
–
Sampling Rate: 8 kHz to 192 kHz
• OPERATING TEMPERATURE RANGE:
–
System Clock: 128 fS, 192 fS, 256 fS, 384 fS,
–
Consumer Grade: –40°C to +85°C
512 fS, 768 fS
–
Automotive Audio Grade: –40°C to +105°C
–
Differential Voltage Output: 8 VPP
–
Analog Low-Pass Filter Included
–
4x/8x Oversampling Digital Filter:
• CAR AUDIO EXTERNAL AMPLIFIERS
–
Passband Ripple: ±0.0018 dB
• CAR AUDIO AVN APPLICATIONS
–
Stop Band Attenuation: –75 dB
• HOME THEATERS
–
Zero Flag
• AV RECEIVERS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments Incorporated.
3
SPI is a trademark of Motorola.
4
I2C, I2S are trademarks of NXP Semiconductors.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM3168APAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3168APAPR TI1-PCM3168APAPR Datasheet
2Mb / 66P
Audio Codec
PCM3168APAPRG4 TI1-PCM3168APAPRG4 Datasheet
2Mb / 66P
Audio Codec
More results

Similar Description - PCM3168APAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3010 TI-PCM3010 Datasheet
434Kb / 31P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
24-Bit, 192 kHz Stereo Audio CODEC
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 70P
108 dB, 192 kHz 6-in, 8-out CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS42448 CIRRUS-CS42448_06 Datasheet
1Mb / 64P
108 dB, 192 kHz 6-In, 8-Out CODEC
CS42448 CIRRUS-CS42448_07 Datasheet
1Mb / 64P
108 dB, 192 kHz 6-In, 8-Out CODEC
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
PCM3168A TI-PCM3168A_15 Datasheet
1Mb / 68P
24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PCM3168A-Q1 TI-PCM3168A-Q1_15 Datasheet
1Mb / 68P
24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com