Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM105 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSM105
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM105 Datasheet(HTML) 7 Page - STMicroelectronics

  TSM105 Datasheet HTML 1Page - STMicroelectronics TSM105 Datasheet HTML 2Page - STMicroelectronics TSM105 Datasheet HTML 3Page - STMicroelectronics TSM105 Datasheet HTML 4Page - STMicroelectronics TSM105 Datasheet HTML 5Page - STMicroelectronics TSM105 Datasheet HTML 6Page - STMicroelectronics TSM105 Datasheet HTML 7Page - STMicroelectronics TSM105 Datasheet HTML 8Page - STMicroelectronics TSM105 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TSM105
7/9
MACROMODEL
The model is centred at a typical supply voltage of 5 V
and at an ambient temperature of 70°C (the typical tem-
perature within a battery pack).
To obtain the right values for amplifier gain, it is RECOM-
MENDED TO SET THE SIMULATION TEMPERATURE
TO 70°C.
SUPPLY CURRENT: 1.15 mA
VOLTAGE REFERENCE: 1.210 V
AMPLIFIER CHARACTERISTICS:
TCA (Amplifier for voltage control)
Gain: gm = 3.6 mA/mV
1st dominant pole: 1E5 Hz
UGBW: 8E6 Hz
TCAFC (Amplifier for current control)
Gain: gm = 8.1 mA/mV
1st dominant pole: 1E5 Hz
UGBW: 2E7 Hz
CONNECTIONS:
Input for voltage control
|
Ground
|
|
Output
|
|
|
Input for current control
|
|
|
|
Supply voltage
|
|
|
|
|
.SUBCKT TSM105 N1VCRTL N2GND N3OUT N4ICTRL
N5VCC
XI60 N2GND N3OUT N5VCC N2GND NET32 TCAFC
XI59 N2GND N3OUT N5VCC N1VCRTL NET22 TCA
VV48 NET22 N2GND 1.21
RR46 NET32 NET22 48.7K
RR47 N4ICTRL NET32 8K
II63 N5VCC N2GND 651u
.ENDS TSM105
Amplifier for current control
.SUBCKT TCAFC GR OUT VC VM VP
VV169 NET128 GR 3
VV171 NET227 GR 3
MM165 NET62 NET75 GR GR MOSFET105 W=1u L=1u
DD153 NET153 NET117 D_B105 AREA=1
DDM NET61 NET70 D_A105 AREA=1
DD151 NET58 NET127 D_B105 AREA=1
DD155 NET65 NET151 D_B105 AREA=1
DD159 NET168 GR D_B105 AREA=1
DD157 NET71 NET132 D_B105 AREA=1
DDP NET61 NET78 D_A105 AREA=1
DD179 GR NET71 D_C105 AREA=1
VF147 NET78 VP 0
FF147 VP NET151 VF147 0.99967
VF152 NET113 NET58 0
FF152 VC NET113 VF152 0.9832
VF158 NET52 NET71 0
FF158 NET128 NET52 VF158 0.9832
VF148 NET70 VM 0
FF148 VM NET117 VF148 0.99967
VF154 NET127 NET153 0
FF154 NET113 NET127 VF154 0.9819
VF144 NET227 NET62 0
FF144 NET125 GR VF144 -40000
VF140 OUT NET125 0
FF140 NET227 NET75 VF140 1
VF160 NET132 NET168 0
FF160 NET125 NET132 VF160 0.9832
VF156 NET127 NET65 0
FF156 NET52 NET127 VF156 0.9819
CC1 NET125 NET52 15p
CC2 NET125 NET132 2p
RR120 GR NET117 1.4K
RR142 GR NET75 28
RR121 GR NET151 1.4K
RR122 GR NET132 70K
II116 VC NET113 25u
II115 VC NET61 287u
II117 VC NET52 25u
II138 VC NET125 25u
.ENDS TCAFC
Amplifier for voltage control
.SUBCKT TCA GR OUT VC VM VP
II167 VC NET79 94.5u
II138 VC NET26 25u
RR122 GR NET18 70K
RR121 GR NET20 4K
RR142 GR NET22 30
RR120 GR NET24 4K
CC2 NET26 NET18 500f
CC1 NET26 NET31 25p
VF156 NET32 NET77 0
FF156 NET31 NET32 VF156 0.9804
VF160 NET18 NET75 0
FF160 NET26 NET18 VF160 0.9804
VF140 OUT NET26 0
FF140 NET42 NET22 VF140 1
VF144 NET42 NET85 0
FF144 NET26 GR VF144 -40000
VF154 NET32 NET81 0
FF154 NET47 NET32 VF154 0.9804
VF147 NET62 VP 0
FF147 VP NET31 VF147 0.99894
VF158 NET31 NET68 0
FF158 NET59 NET31 VF158 0.9804
VF170 NET47 NET67 0
FF170 VC NET47 VF170 0.9804
VF148 NET50 VM 0
FF148 VM NET47 VF148 0.99894
DD153 NET81 NET24 D_B105 AREA=1
DDM NET79 NET50 D_A105 AREA=1
DD155 NET77 NET20 D_B105 AREA=1
DD159 NET75 GR D_B105 AREA=1
DD157 NET68 NET18 D_B105 AREA=1
DDP NET79 NET62 D_A105 AREA=1
DD185 GR NET68 D_C105 AREA=1
DD169 NET67 NET32 D_B105 AREA=1
MM165 NET85 NET22 GR GR MOSFET105 W=1u L=1u
VV177 NET42 GR 3
VV175 NET59 GR 3
.ENDS TCA
Models
.model D_A105 D(IS=1.459E-17)
.model D_B105 D(IS=7.0E-18)
.model D_C105 D(IS=2.0E-12)
.model MOSFET105 NMOS VT0=1.0 KP=1.3E-3 LEV-
EL=1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com