Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM105 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSM105
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM105 Datasheet(HTML) 6 Page - STMicroelectronics

  TSM105 Datasheet HTML 1Page - STMicroelectronics TSM105 Datasheet HTML 2Page - STMicroelectronics TSM105 Datasheet HTML 3Page - STMicroelectronics TSM105 Datasheet HTML 4Page - STMicroelectronics TSM105 Datasheet HTML 5Page - STMicroelectronics TSM105 Datasheet HTML 6Page - STMicroelectronics TSM105 Datasheet HTML 7Page - STMicroelectronics TSM105 Datasheet HTML 8Page - STMicroelectronics TSM105 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TSM105
6/9
An example of a suitable compensation network is
shown in Fig.2. It consists of a capacitor
Cvc1=2.2nF and a resistor Rcv1=470K
Ω in series,
connected in parallel with another capacitor
Cvc2=22pF.
The current-control trans-conductance operation-
al amplifier has to be compensated in a different
way, since its negative input is connected to
ground. A series connection of a capacitor
Cic1=100nF and a resistor Ric1=22
Ω can be put
between OUT and GND to stabilize the global reg-
ulation loop.
3. Start Up and Short Circuit Conditions
Under start-up or short-circuit conditions the
TSM105 is not provided with a high enough supply
voltage. This is due to the fact that the chip has its
power supply line in common with the power sup-
ply line of the system.
Therefore, the current limitation can only be en-
sured by the primary PWM module, which should
be chosen accordingly.
If the primary current limitation is considered not to
be precise enough for the application, then a suffi-
cient supply for the TSM105 has to be ensured un-
der any condition. It would then be necessary to
add some circuitry to supply the chip with a sepa-
rate power line. This can be achieved in numer-
ous ways, including an additional winding on the
transformer.
The following schematic shows how to realise a
low-cost power supply for the TSM105 (with no
additional windings).
Please pay attention to the fact that in the particu-
lar case presented here, this low-cost power sup-
ply can reach voltages as high as twice the volt-
age of the regulated line. Since the Absolute Max-
imum Rating of the TSM105 supply voltage is 14
V, this low-cost auxiliary power supply can only be
used in applications where the regulated line volt-
age does not exceed 7 V.
Figure 4 :
+
-
+
-
1.210V
200mV
Vcc
Out
Vctrl
Gnd
Ictrl
D
+
CS
R2
R1
Rsense
Rvc1
470K
Cvc1
2.2nF
Ric1
22
To primary
OUT+
OUT-
+
TSM105
Cic1
100nF
Cvc2
22pF
IL
IL
Vsense
DS
+
Rs
Vcc



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com