Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM105 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM105
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM105 Datasheet(HTML) 1 Page - STMicroelectronics

  TSM105 Datasheet HTML 1Page - STMicroelectronics TSM105 Datasheet HTML 2Page - STMicroelectronics TSM105 Datasheet HTML 3Page - STMicroelectronics TSM105 Datasheet HTML 4Page - STMicroelectronics TSM105 Datasheet HTML 5Page - STMicroelectronics TSM105 Datasheet HTML 6Page - STMicroelectronics TSM105 Datasheet HTML 7Page - STMicroelectronics TSM105 Datasheet HTML 8Page - STMicroelectronics TSM105 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
s CONSTANT VOLTAGE AND CONSTANT
CURRENT CONTROL
s LOW VOLTAGE OPERATION
s PRECISION INTERNAL VOLTAGE REFER-
ENCE
s LOW EXTERNAL COMPONENT COUNT
s CURRENT SINK OUTPUT STAGE
s EASY COMPENSATION
s LOW AC MAINS VOLTAGE REJECTION
DESCRIPTION
TSM105 is a highly integrated solution for SMPS
applications requiring CV (constant voltage) and
CC (constant current) mode.
TSM105
integrates one voltage reference, two
operational amplifiers (with ORed outputs - com-
mon collectors), and a current sensing circuit.
The voltage reference combined with one opera-
tional amplifier makes it an ideal voltage control-
ler, and the other low voltage reference combined
with the other operational amplifier makes it an
ideal current limiter for output low side current
sensing.
The current threshold is fixed, and precise.
The only external components are:
* a resistor bridge to be connected on the output of
the power supply (adapter, battery charger) to set
the voltage regulation by dividing the desired out-
put voltage to match the internal voltage reference
value.
* a sense resistor whose value and allowable dis-
sipation power need to be chosen according to the
internal voltage threshold.
* optional compensation components (R and C).
TSM105, housed in one of the smallest package
available, is ideal for space shrinked applications
such as adapters and battery chargers.
APPLICATIONS
s ADAPTERS
s BATTERY CHARGERS
ORDER CODE
L = Tiny Package (SOT23-5) - only available in Tape & Reel (LT)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part
Number
Temperature
Range
Package
Marking
LD
TSM105CLT
0 to 85°C
•
M105
TSM105CD
0 to 85°C
•
TSM105
L
SOT23-5
(Plastic Package)
D
SO8
(Plastic Micropackage)
1
2
34
5
Vctrl
Gnd
Vcc
Ictrl
Out
1
2
3
45
6
Vctrl
Gnd
Vcc
Nc
Out
Ictrl
Nc
Nc
SOT23-5
SO8
7
8
September 2001
TSM105
CONSTANT VOLTAGE AND CONSTANT CURRENT
CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS


Similar Part No. - TSM105

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Jan-2002
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
315Kb / 15P
Constant voltage and constant current controller for battery chargers and adaptors
12-Feb-2008
TSM1051CD STMICROELECTRONICS-TSM1051CD Datasheet
108Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Jan-2002
TSM1051CD STMICROELECTRONICS-TSM1051CD Datasheet
315Kb / 15P
Constant voltage and constant current controller for battery chargers and adaptors
12-Feb-2008
TSM1051CDT STMICROELECTRONICS-TSM1051CDT Datasheet
315Kb / 15P
Constant voltage and constant current controller for battery chargers and adaptors
12-Feb-2008
More results

Similar Description - TSM105

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Jan-2002
TSM1013 STMICROELECTRONICS-TSM1013 Datasheet
113Kb / 8P
Constant Voltage and Constant Current Controller for Battery Chargers and Adaptors
Feb-2004
logo
Rohm
BD6550G ROHM-BD6550G Datasheet
199Kb / 6P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051 Datasheet
523Kb / 9P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051_08 Datasheet
315Kb / 15P
Constant voltage and constant current controller for battery chargers and adaptors
12-Feb-2008
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
IK3051A IKSEMICON-IK3051A Datasheet
292Kb / 5P
Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051_09 Datasheet
293Kb / 8P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
IK Semicon Co., Ltd
IK3052 IKSEMICON-IK3052 Datasheet
147Kb / 4P
Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
Taiwan Semiconductor Co...
TS1052 TSC-TS1052 Datasheet
289Kb / 8P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com