Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM105 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSM105
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM105 Datasheet(HTML) 4 Page - STMicroelectronics

  TSM105 Datasheet HTML 1Page - STMicroelectronics TSM105 Datasheet HTML 2Page - STMicroelectronics TSM105 Datasheet HTML 3Page - STMicroelectronics TSM105 Datasheet HTML 4Page - STMicroelectronics TSM105 Datasheet HTML 5Page - STMicroelectronics TSM105 Datasheet HTML 6Page - STMicroelectronics TSM105 Datasheet HTML 7Page - STMicroelectronics TSM105 Datasheet HTML 8Page - STMicroelectronics TSM105 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TSM105
4/9
In the above application schematic, the TSM105 is used on the secondary side of a flyback adapter (or
battery charger) to provide an accurate control of voltage and current. The above feedback loop is made
with an optocoupler.
Figure 1 : Internal Schematic
Figure 2 : Typical Adapter or Battery Charger Application Using TSM105
+
-
+
-
1.210V
200mV
Vcc
Out
Vctrl
Gnd
Ictrl
+
-
+
-
1.210V
200mV
Vcc
Out
Vctrl
Gnd
Ictrl
D
+
R2
R1
Rsense
Rvc1
470K
Cvc1
2.2nF
Ric1
22
To primary
OUT+
OUT-
+
TSM105
Cic1
100nF
Cvc2
22pF
IL
IL
Vsense



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com