Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2000 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCA2000
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2000 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCA2000 Datasheet HTML 16Page - NXP Semiconductors PCA2000 Datasheet HTML 17Page - NXP Semiconductors PCA2000 Datasheet HTML 18Page - NXP Semiconductors PCA2000 Datasheet HTML 19Page - NXP Semiconductors PCA2000 Datasheet HTML 20Page - NXP Semiconductors PCA2000 Datasheet HTML 21Page - NXP Semiconductors PCA2000 Datasheet HTML 22Page - NXP Semiconductors PCA2000 Datasheet HTML 23Page - NXP Semiconductors PCA2000 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
PCA2000_2001_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
20 of 28
NXP Semiconductors
PCA2000; PCA2001
32 kHz watch circuit with programmable adaptive motor pulse
12. Packing information
12.1 Tray information
Fig 15. Tray details
The orientation of the IC in a pocket is indicated by the position of the IC type name on the surface
of the die, with respect to the cut corner on the upper left of the tray.
Fig 16. Tray alignment
mgu653
D
F
E
x
y
A
G
H
1,1
x,1
2,1
1,2
1,3
1,y
x,y
2,2
3,1
C
B
M
J
A
A
SECTION A-A
mgu652



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com