Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2000 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA2000
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2000 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA2000 Datasheet HTML 5Page - NXP Semiconductors PCA2000 Datasheet HTML 6Page - NXP Semiconductors PCA2000 Datasheet HTML 7Page - NXP Semiconductors PCA2000 Datasheet HTML 8Page - NXP Semiconductors PCA2000 Datasheet HTML 9Page - NXP Semiconductors PCA2000 Datasheet HTML 10Page - NXP Semiconductors PCA2000 Datasheet HTML 11Page - NXP Semiconductors PCA2000 Datasheet HTML 12Page - NXP Semiconductors PCA2000 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
PCA2000_2001_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
9 of 28
NXP Semiconductors
PCA2000; PCA2001
32 kHz watch circuit with programmable adaptive motor pulse
[1]
Including the highest driving stage, which one has no motor step detection.
[2]
If the maximum duty cycle of 75 % is selected, not all programming combinations are possible since the
second highest level must be smaller than the highest driving level.
[1]
Between positive and negative detection pulses.
Pulse stretching
6
0
no pulse stretching
1
pulse of 2
× tp and duty cycle of 25 % are added
Factory test bits
7to8
-
-
Table 7.
Description of word C bits
Bit
Value
Description
Pulse width tp
1 to 3
000
0.98 ms
001
1.95 ms
010
2.90 ms
011
3.90 ms
100
4.90 ms
101
5.90 ms
110
6.80 ms
111
7.80 ms
Time delay td(max) [1]
4 to 6
000
3.91 ms
001
4.88 ms
010
5.86 ms
011
6.84 ms
100
7.81 ms
101
8.79 ms
110
9.77 ms
111
10.74 ms
EOL voltage of the battery
7
0
1.38 V (silver-oxide)
1
2.5 V (lithium)
Factory test bit
8-
-
Table 6.
Description of word B bits …continued
Bit
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com