Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2000 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA2000
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2000 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA2000 Datasheet HTML 4Page - NXP Semiconductors PCA2000 Datasheet HTML 5Page - NXP Semiconductors PCA2000 Datasheet HTML 6Page - NXP Semiconductors PCA2000 Datasheet HTML 7Page - NXP Semiconductors PCA2000 Datasheet HTML 8Page - NXP Semiconductors PCA2000 Datasheet HTML 9Page - NXP Semiconductors PCA2000 Datasheet HTML 10Page - NXP Semiconductors PCA2000 Datasheet HTML 11Page - NXP Semiconductors PCA2000 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
PCA2000_2001_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
8 of 28
NXP Semiconductors
PCA2000; PCA2001
32 kHz watch circuit with programmable adaptive motor pulse
7.5 Programming possibilities
The programming data is stored in OTP cells (EPROM cells). At delivery, all memory cells
are in state 0. The cells can be programmed to the state 1, but then there is no more set
back to state 0.
The programming data is organized in an array of four 8-bit words: word A contains the
time calibration, words B and C contain the setting for the monitor pulses and word D
contains the type recognition (see Table 4).
Table 4.
Words and bits
Word
Bit
1
2
3
4
5
6
7
8
A
number of 8192 Hz pulses to be removed
calibration
period
B
lowest stage: duty
cycle
number of driving
stages
highest stage:
duty cycle and
stretching
factory test bits
C
pulse width
maximum time delay between
positive and negative
detection pulses
EOL
voltage
factory test
bit
D
type
factory test bits
Table 5.
Description of word A bits
Bit
Value
Description
Inhibition time
1 to 7
-
adjust the number of the 8192 Hz pulses to be removed;
bit 1 is the MSB and bit 7 is the LSB
Calibration period
8
0
1 minute
1
2 minutes
Table 6.
Description of word B bits
Bit
Value
Description
Duty cycle lowest driving stage
1 to 2
00
37.5 %
01
43.75 %
10
50 %
11
56.25 %
Number of driving stages
3 to 4
00
3
01
4
10
5
11
6[1]
Duty cycle highest driving stage
5
0
75 %[2]
1
100 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com