Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2000 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA2000
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2000 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA2000 Datasheet HTML 12Page - NXP Semiconductors PCA2000 Datasheet HTML 13Page - NXP Semiconductors PCA2000 Datasheet HTML 14Page - NXP Semiconductors PCA2000 Datasheet HTML 15Page - NXP Semiconductors PCA2000 Datasheet HTML 16Page - NXP Semiconductors PCA2000 Datasheet HTML 17Page - NXP Semiconductors PCA2000 Datasheet HTML 18Page - NXP Semiconductors PCA2000 Datasheet HTML 19Page - NXP Semiconductors PCA2000 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
PCA2000_2001_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
16 of 28
NXP Semiconductors
PCA2000; PCA2001
32 kHz watch circuit with programmable adaptive motor pulse
9.
Characteristics
[1]
P1 + ... + P4 + N1 + N2 (see Section 7.2).
[2]
RL and CL are a load resistor and load capacitor, externally connected to pad RESET.
Table 10.
Characteristics
VDD = 1.55 V; VSS =0V; fosc = 32.768 kHz; Tamb =25 °C; quartz crystal: RS =40kΩ, C1 = 2 fF to 3 fF, CL = 8.2 pF; unless
otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
normal operating mode;
Tamb = −10 °C to +60 °C
1.1
1.55
3.60
V
∆VDD
supply voltage variation
∆V/∆t=1V/µs
-
-
0.25
V
IDD
supply current
between motor pulses
-
90
120
nA
between motor pulses at
VDD = 3.5 V
-
120
180
nA
Tamb = −10 °C to +60 °C
-
-
200
nA
stop mode;
pad RESET connected to
VDD
-
100
135
nA
Motor output
Vsat
saturation voltage
Rmotor =2kΩ;
Tamb = −10 °C to +60 °C
[1] -
150
200
mV
Zo(sc)
output impedance
(short circuit)
between motor pulses;
Imotor <1mA
-
200
300
Ω
Oscillator
Vstart
start voltage
1.1
-
-
V
gm
transconductance
Vi(osc) ≤ 50 mV(p-p)
5
10
-
µS
tstartup
start-up time
-
0.3
0.9
s
∆f/f
frequency stability
∆VDD = 100 mV
-
0.05
0.20
ppm
CL(itg)
integrated load
capacitance
4.3
5.2
6.3
pF
Rpar
parasitic resistance
allowed resistance between
adjacent pads
20
--M
Ω
Voltage level detector
Vth(EOL)
EOL threshold voltage
silver-oxide battery
1.30
1.38
1.46
V
lithium battery
2.35
2.50
2.65
V
TCEOL
EOL temperature
coefficient
-
−0.07
-
%/
°C
Pad RESET
fo
output frequency
-
32
-
Hz
VO(dif)
differential output
voltage
RL =1MΩ; CL =10pF
[2] 1.4
-
-
V
tr
rise time
RL =1MΩ; CL =10pF
[2] -1
-
µs
tf
fall time
RL =1MΩ; CL =10pF
[2] -1
-
µs
Ii(AV)
average input current
pad RESET connected to
VDD or VSS
-
1020nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com