Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8562TT/2 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8562TT/2
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8562TT/2 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8562TT/2 Datasheet HTML 11Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 12Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 13Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 14Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 15Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 16Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 17Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 18Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
PCF8562_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 3 — 2 December 2008
15 of 36
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
7.11 Data pointer
The addressing mechanism for the display RAM is realized using the data pointer. This
allows the loading of an individual display data byte, or a series of display data bytes, into
any location of the display RAM. The sequence commences with the initialization of the
data pointer by the load-data-pointer command (see Section 7.17). Following this, an
arriving data byte is stored at the display RAM address indicated by the data pointer in
accordance with the filling order shown in Figure 10. After each byte is stored, the
contents of the data pointer are automatically incremented by a value dependent on the
selected LCD drive mode: eight (static drive mode), four (1:2 mode), three (1:3 mode) or
two (1:4 mode). If an I2C-bus data access is terminated early then the state of the data
pointer will be unknown. The data pointer should be re-written prior to further RAM
access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com