Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8562TT/2 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8562TT/2
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8562TT/2 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8562TT/2 Datasheet HTML 10Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 11Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 12Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 13Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 14Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 15Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 16Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 17Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
PCF8562_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 3 — 2 December 2008
14 of 36
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
7.10 Display RAM
The display RAM is a static 32
× 4-bit RAM which stores LCD data. A logic 1 in the RAM
bit-map indicates the on-state of the corresponding LCD segment; similarly, a logic 0
indicates the off-state. There is a one-to-one correspondence between the RAM
addresses and the segment outputs, and between the individual bits of a RAM word and
the backplane outputs. The display RAM bit map Figure 9 shows the rows 0 to 3 which
correspond with the backplane outputs BP0 to BP3, and the columns 0 to 31 which
correspond with the segment outputs S0 to S31. In multiplexed LCD applications the
segment data of the first, second, third and fourth row of the display RAM are
time-multiplexed with BP0, BP1, BP2 and BP3 respectively.
When display data is transmitted to the PCF8562, the display bytes received are stored in
the display RAM in accordance with the selected LCD drive mode. The data is stored as it
arrives and does not wait for an acknowledge cycle as with the commands. Depending on
the current multiplex drive mode, data is stored singularly, in pairs, triplets or quadruplets.
For example, in the 1:2 mode, the RAM data is stored every second bit. To illustrate the
filling order, an example of a 7-segment numeric display showing all drive modes is given
in Figure 10; the RAM filling organization depicted applies equally to other LCD types.
With reference to Figure 10, in the static drive mode, the eight transmitted data bits are
placed in row 0 of eight successive display RAM addresses.
In the 1:2 mode, the eight transmitted data bits are placed in row 0 and 1 of four
successive display RAM addresses.
In the 1:3 mode, these bits are placed in row 0, 1 and 2 to three successive addresses,
display RAM words, with bit 2 of the third address left unchanged. This last bit may, if
necessary, be controlled by an additional transfer to this address but care should be taken
to avoid overwriting adjacent data because always full bytes are transmitted; otherwise
this segment should not be connected to the module.
In the 1:4 mode, the eight transmitted data bits are placed in bits 0, 1, 2 and 3 of two
successive display RAM addresses.
Display RAM bit map showing direct relationship between RAM addresses and segment outputs;
also between bits in a RAM word and the backplane outputs.
Fig 9.
Display RAM bit map
0
0
1
2
3
1234
27
28
29
30
31
display RAM addresses (rows) / segment outputs (S)
display RAM bits
(columns) /
backplane outputs
(BP)
001aac265



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com