Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8562TT/2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF8562TT/2
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8562TT/2 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF8562TT/2 Datasheet HTML 1Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 2Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 3Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 4Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 5Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 6Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 7Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 8Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
PCF8562_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 3 — 2 December 2008
4 of 36
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
6.
Pinning information
6.1 Pinning
6.2 Pin description
Top view. For mechanical details, see Figure 20.
Fig 2.
Pinning diagram for PCF8562
PCF8562TT
S23
S22
S24
S21
S25
S20
S26
S19
S27
S18
S28
S17
S29
S16
S30
S15
S31
S14
SDA
S13
SCL
S12
SYNC
S11
CLK
S10
VDD
S9
OSC
S8
A0
S7
A1
S6
A2
S5
SA0
S4
VSS
S3
VLCD
S2
BP0
S1
BP2
S0
BP1
BP3
001aac263
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Table 3.
Pin description
Symbol
Pin
Description
SDA
10
I2C-bus serial data input and output
SCL
11
I2C-bus serial clock input
SYNC
12
cascade synchronization input or output
CLK
13
external clock input or output
VDD
14
supply voltage
OSC
15
internal oscillator enable input
A0 to A2
16 to 18
subaddress inputs
SA0
19
I2C-bus address input; bit 0
VSS
20
ground supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com