Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8562TT/2 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8562TT/2
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8562TT/2 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8562TT/2 Datasheet HTML 13Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 14Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 15Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 16Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 17Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 18Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 19Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 20Page - NXP Semiconductors PCF8562TT/2 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
PCF8562_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 3 — 2 December 2008
17 of 36
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
7.12 Output bank selector
The output bank selector selects one of the four bits per display RAM address for transfer
to the display latch. The actual bit chosen depends on the selected LCD drive mode in
operation and on the instant in the multiplex sequence.
• In 1:4 mode, all RAM addresses of bit 0 are selected, these are followed by the
contents of bit 1, bit 2 and then bit 3.
• In 1:3 mode, bits 0, 1 and 2 are selected sequentially
• In 1:2 mode, bits 0 and 1 are selected
• In static mode, bit 0 is selected
The SYNC signal resets these sequences to the following starting points:
• Bit 3 for 1:4 mode
• Bit 2 for 1:3 mode
• Bit 1 for 1:2 mode
• Bit 0 for static mode
The PCF8562 includes a RAM bank switching feature in the static and 1:2 drive modes. In
the static drive mode, the bank-select command (see Section 7.17) may request the
contents of bit 2 to be selected for display instead of the contents of bit 0. In 1:2 mode, the
contents of bits 2 and 3 may be selected instead of bits 0 and 1. This gives the provision
for preparing display information in an alternative bank and to be able to switch to it once it
is assembled.
7.13 Input bank selector
The input bank selector loads display data into the display RAM in accordance with the
selected LCD drive configuration.
The bank-select command (see Section 7.17) can be used to load display data in bit 2 in
static drive mode or in bits 2 and 3 in 1:2 mode. The input bank selector functions are
independent of the output bank selector.
7.14 Subaddress counter
The storage of display data is determined by the contents of the subaddress counter.
Storage is allowed to take place only when the contents of the subaddress counter agree
with the hardware subaddress applied to A0, A1 and A2. The subaddress counter value is
defined by the device-select command (see Section 7.17). If the contents of the
subaddress counter and the hardware subaddress do not agree then data storage is
inhibited but the data pointer is incremented as if data storage had taken place. The
subaddress counter is also incremented when the data pointer overflows.
The hardware subaddress must not be changed while the device is being accessed on the
I2C-bus interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com