Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA3070 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UBA3070
Description  LED backlight driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA3070 Datasheet(HTML) 4 Page - NXP Semiconductors

  UBA3070 Datasheet HTML 1Page - NXP Semiconductors UBA3070 Datasheet HTML 2Page - NXP Semiconductors UBA3070 Datasheet HTML 3Page - NXP Semiconductors UBA3070 Datasheet HTML 4Page - NXP Semiconductors UBA3070 Datasheet HTML 5Page - NXP Semiconductors UBA3070 Datasheet HTML 6Page - NXP Semiconductors UBA3070 Datasheet HTML 7Page - NXP Semiconductors UBA3070 Datasheet HTML 8Page - NXP Semiconductors UBA3070 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
UBA3070_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 2 December 2008
4 of 13
NXP Semiconductors
UBA3070
LED backlight driver IC
7.
Functional description
The UBA3070 is a monolithic driver IC for controlling the current through LED strings and
is especially suitable as driver stage for LED Backlighting applications like LCD
televisions.
The driver stage enables optimal performance for series connected LED strings in 0D, 1D
and 2D segmented backlight units (BLUs). Since the UBA3070 drives an external power
device, it can be used for all kinds of BLU designs ranging from high-power to low-power
LEDs, and high-voltage to low-voltage LED strings. Consequently it provides a driver
solution for all LCD screen sizes and types of LEDs. By combining the UBA3070 with the
appropriate power devices, the amount of drivers can be minimized by optimizing the
amount of LEDs put in series.
Each driver stage consists of a buck converter operating in boundary conduction mode of
which the peak level can be chosen by means of the external sense resistor. Since the
peak and zero levels are fixed by design, the converter behaves as a current source. This
gives an average current through the LEDs that is half the peak value of that through the
inductor. The ripple current through the LEDs can be chosen by means of the external
capacitor in parallel to the LEDs.
7.1 Supply management and undervoltage lockout
As long as VCC is below the VCC(startup) level of typically 10 V, the supply current is below
600
µA. The IC will activate the converter as soon as the voltage on the V
CC pin passes
the VCC(startup) level. The moment the voltage on pin VCC drops below the undervoltage
lockout voltage of typically 8.7 V the IC stops switching.
7.2 Current control and PWM
If the PWM input is high (> 2 V) the converter is disabled, it will not switch and the LED
current is zero. If the PWM input pin is low (< 0.5 V) the converter is enabled and
operation is as follows. The external FET is turned on and current in the inductor will build
up. During this charging phase of the inductor the current is sensed across an external
sense resistor. The internal driver turns off the external FET upon detection of a voltage
level of typically 0.52 V at the SENSE pin. The inductor will freewheel its current through
the external diode and will discharge. After discharge the switch node will ring. Upon
detection of a valley or zero voltage on the switch node the internal driver will turn on the
external FET. Consequently turn-on of the FET is at zero current and at minimal voltage
resulting in minimal power losses and EMI. The conversion cycle will repeat as described
above, until the PWM input signal is driven high to disable the converter and steer the LED
current to zero.
GATE
6
gate driver output
HVS
7
high voltage safety spacer: not connected
DRAIN
8
drain of external MOS switch: input for valley sensing
Table 2.
Pin description …continued
Symbol
Pin
Description
SO8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com