Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA3070 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # UBA3070
Description  LED backlight driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA3070 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button UBA3070 Datasheet HTML 2Page - NXP Semiconductors UBA3070 Datasheet HTML 3Page - NXP Semiconductors UBA3070 Datasheet HTML 4Page - NXP Semiconductors UBA3070 Datasheet HTML 5Page - NXP Semiconductors UBA3070 Datasheet HTML 6Page - NXP Semiconductors UBA3070 Datasheet HTML 7Page - NXP Semiconductors UBA3070 Datasheet HTML 8Page - NXP Semiconductors UBA3070 Datasheet HTML 9Page - NXP Semiconductors UBA3070 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
UBA3070_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 2 December 2008
6 of 13
NXP Semiconductors
UBA3070
LED backlight driver IC
The charge current Ich will flow as long as the voltage on pin SENSE is
below approximately 0.5 V. If the voltage on pin SENSE exceeds 0.5 V, the soft start
current source will start limiting current Ich.AtVstartup, the Ich current source is completely
switched off, see Figure 4.
7.8 Overtemperature protection
An accurate temperature protection is provided in the UBA3070. When the junction
temperature exceeds the thermal shutdown temperature of typically 140
°C the converter
will stop switching.
7.9 Driver
The driver circuit to the gate of the power FET has a current sourcing capability of 135 mA
typical and a current sinking capability of 560 mA typical. This permits fast turn-on and
turn-off of the FET for efficient operation. A low driver source current has been chosen to
limit the
∆V/∆t at turn-on thereby reducing EMI and voltage spikes across Rsense.The
driver circuit to the gate of the power MOSFET has a current sourcing capability of
135 mA typical and a current sink capability of 560 mA typical. This permits fast turn-on
and turn-off of the power MOSFET for efficient operation.
8.
Limiting values
Fig 4.
Soft start-up
014aaa254
Css
Rss
SENSE
Rsense
Istartup(soft)
Vocp
start-up
6
0.5 V
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit[1]
Voltages
VCC
supply voltage
current limited
−0.4
+20
V
VPWM
voltage on pin PWM
−0.4
+5
V
VMASK
voltage on pin MASK
current limited
−0.4
-
V
VSENSE
voltage on pin SENSE
current limited
−0.4
-
V
VDRAIN
voltage on pin DRAIN
−0.4
+650
V
Currents
IPWM
current on pin PWM
-
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com