Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA3070 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UBA3070
Description  LED backlight driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA3070 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UBA3070 Datasheet HTML 5Page - NXP Semiconductors UBA3070 Datasheet HTML 6Page - NXP Semiconductors UBA3070 Datasheet HTML 7Page - NXP Semiconductors UBA3070 Datasheet HTML 8Page - NXP Semiconductors UBA3070 Datasheet HTML 9Page - NXP Semiconductors UBA3070 Datasheet HTML 10Page - NXP Semiconductors UBA3070 Datasheet HTML 11Page - NXP Semiconductors UBA3070 Datasheet HTML 12Page - NXP Semiconductors UBA3070 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
UBA3070_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 2 December 2008
9 of 13
NXP Semiconductors
UBA3070
LED backlight driver IC
[1]
Guaranteed by design.
[2]
When the voltage at pin PWM is between 0.5 V and 2.0 V the peak current and the frequency will be reduced.
Overtemperature protection
Tpl(max)
maximum protection level
temperature
130
140
150
°C
Tpl(hys)
protection level hysteresis
temperature
-8
-
°C
Table 5.
Characteristics …continued
Tamb = 25 ° C; VCC = 15 V; all voltages are measured with respect to ground; currents are positive when flowing into the IC;
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com