Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA3070 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # UBA3070
Description  LED backlight driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA3070 Datasheet(HTML) 5 Page - NXP Semiconductors

  UBA3070 Datasheet HTML 1Page - NXP Semiconductors UBA3070 Datasheet HTML 2Page - NXP Semiconductors UBA3070 Datasheet HTML 3Page - NXP Semiconductors UBA3070 Datasheet HTML 4Page - NXP Semiconductors UBA3070 Datasheet HTML 5Page - NXP Semiconductors UBA3070 Datasheet HTML 6Page - NXP Semiconductors UBA3070 Datasheet HTML 7Page - NXP Semiconductors UBA3070 Datasheet HTML 8Page - NXP Semiconductors UBA3070 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
UBA3070_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 2 December 2008
5 of 13
NXP Semiconductors
UBA3070
LED backlight driver IC
If the PWM pin is open circuit or not connected, a fault condition is assumed and the
converter will stop switching. Operation will recommence as soon as the fault condition is
removed.
7.3 Masking and valley switching
The mask pin ensures that turn-on of the converter is at a valley during ringing and not at
a peak during freewheeling of the inductor. If the voltage level at the mask pin is typically
above 100 mV, then turn-on of the switching FET is prevented. If the voltage level is below
this 100 mV, then turn-on prevention of the FET is released and at the moment of valley
detection the FET will actually turn on. The signal for the mask pin can be easily derived
from the signal at the switch node as shown in the application diagram. The current
flowing into the mask pin should be lower than the typical stop current of 60
µA.
If pin MASK is open circuit or not connected, a fault condition is assumed and the
converter will stop operating immediately. Operation will recommence as soon as the fault
condition is removed.
7.4 Conversion frequency
The maximum conversion frequency is limited to minimally 145 kHz by an internal
oscillator. Consequently the inductance value should be chosen such that with the given
supply voltage, LED voltage and component spread the conversion frequency is always
smaller than this. There is no limitation for the minimum conversion frequency.
7.5 Minimum on-time
The minimum on-time of the switch mode converter is determined by the leading edge
blanking time of typically 370 ns. The leading edge blanking time is required to prevent
inadvertent switch off after turn on of the FET due to coupling to the sense node.
7.6 Overcurrent protection
Since the converter behaves as a current source it is principally self-protected from
overcurrent. An extra level of protection is added by means of a second trip level at
typically 0.88 V at the sense node to protect against short-circuits in external components
like diodes, inductors, capacitors or LEDs. Upon detection of this abnormal situation the
converter will stop switching.
7.7 Soft start-up (pin SENSE)
To have slow start-up the inductor peak current is slowly increased by the soft start-up
function. This can be achieved by inserting a resistor and a capacitor between the
SENSE-pin (pin 5) and sense resistor Rsense. An internal current source charges the
capacitor to
(about 0.5 V maximum).
The start level and the time constant of the increasing primary current level can be
adjusted externally by changing the values of Rss and Css.
V
SENSE
I
ch
R
ss
×
=
I
DM
V
sense max
)
(
I
ch
R
ss
×
()
R
sense
-------------------------------------------------------------
=
τ
R
ss
C
ss
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com