Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48DV2B Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS48DV2B
Description  32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48DV2B Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS48DV2B Datasheet HTML 2Page - Cirrus Logic CS48DV2B Datasheet HTML 3Page - Cirrus Logic CS48DV2B Datasheet HTML 4Page - Cirrus Logic CS48DV2B Datasheet HTML 5Page - Cirrus Logic CS48DV2B Datasheet HTML 6Page - Cirrus Logic CS48DV2B Datasheet HTML 7Page - Cirrus Logic CS48DV2B Datasheet HTML 8Page - Cirrus Logic CS48DV2B Datasheet HTML 9Page - Cirrus Logic CS48DV2B Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
CS48DV2B Data Sheet
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
6
Copyright 2008 Cirrus Logic
DS875F1
CONFIDENTIAL
3. Code Overlays
The suite of software available for the CS48DV2B DSP consists of an operating system (OS) and a
library of overlays. The overlays have been divided into three main groups called Matrix-processors,
Virtualizer-processors, and Post-processors. All software components are defined below:
1. OS/Kernel - Encompasses all non-audio processing tasks, including loading data from external
memory, processing host messages, calling audio-processing subroutines, error concealment,
etc.
2. Matrix-processor- Any Module that performs a matrix decode on PCM data to produce more
output channels than input channels (2 n channels). Examples are Dolby® ProLogic® IIx and
DTS Neo:6™. Generally speaking, these modules increase the number of valid channels in the
audio I/O buffer.
3. Virtualizer-processor - Any module that encodes PCM data into fewer output channels than
input channels (n 2 channels) with the effect of providing “phantom” speakers to represent the
physical audio channels that were eliminated. Examples are Dolby Headphone® and Dolby®
Virtual Speaker®. Generally speaking, these modules reduce the number of valid channels in the
audio I/O buffer.
4. Post-processors - Any module that processes audio I/O buffer PCM data in-place after the
matrix- or virtualizer-processors. Examples are the Dolby Volume and Audistry by Dolby
firmware, bass management, audio manager, tone control, EQ, delay, and customer-specific
effects
The bulk of each overlay is stored in ROM within the CS48DV2B, but a small image is required to
configure the overlays and boot the DSP. This small image can either be stored in an external serial
FLASH/EEPROM, or downloaded via a host controller through the SPI™/I2C® serial port.
The overlay structure reduces the time required to reconfigure the DSP when a processing change is
requested. Each overlay can be reloaded independently without disturbing the other overlays. For
example, when a new matrix-processor is selected, the OS, virtualizer-, and post-processors do not
need to be reloaded — only the new matrix-processor. This fact is also true for the other overlays.
Table 2 lists the firmware available based on device selection. Please refer to AN298, CS485xx
Firmware User’s Manual for the latest listing of application codes and Cirrus Framework™ modules
available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com