Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48DV2B Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS48DV2B
Description  32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48DV2B Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS48DV2B Datasheet HTML 5Page - Cirrus Logic CS48DV2B Datasheet HTML 6Page - Cirrus Logic CS48DV2B Datasheet HTML 7Page - Cirrus Logic CS48DV2B Datasheet HTML 8Page - Cirrus Logic CS48DV2B Datasheet HTML 9Page - Cirrus Logic CS48DV2B Datasheet HTML 10Page - Cirrus Logic CS48DV2B Datasheet HTML 11Page - Cirrus Logic CS48DV2B Datasheet HTML 12Page - Cirrus Logic CS48DV2B Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
CS48DV2B Data Sheet
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
DS875F1
Copyright 2008 Cirrus Logic
9
CONFIDENTIAL
4.2.6 Hardware Watchdog Timer
The CS48DV2B has an integrated watchdog timer that acts as a “health” monitor for the DSP. The
watchdog timer must be reset by the DSP before the counter expires, or the entire chip is reset. This
peripheral ensures that the CS48DV2B will reset itself in the event of a temporary system failure. In
stand-alone mode (that is, no host MCU), the DSP will reboot from external FLASH. In slave mode
(that is, host MCU present) a GPIO will be used to signal the host that the watchdog has expired and
the DSP should be rebooted and re-configured.
4.3 DSP I/O Description
4.3.1 Multiplexed Pins
Many of the CS48DV2B pins are multi-functional. For details on pin functionality please refer to the
CS485xx Hardware User’s Manual.
4.3.2 Termination Requirements
Open-drain pins on the CS48DV2B must be pulled high for proper operation. Please refer to the
CS485xx Hardware User’s Manual to identify which pins are open-drain and what value of pull-up
resistor is required for proper operation.
Mode select pins in the CS48DV2B are used to select the boot mode upon the rising edge from
reset. A detailed explanation of termination requirements for each communication mode select pin
can be found in the CS485xx Hardware User’s Manual.
4.3.3 Pads
The CS48DV2B I/Os operate from the 3.3 V supply and are 5 V tolerant.
4.4 Application Code Security
The external program code may be encrypted by the programmer to protect any intellectual property
it may contain. A secret, customer-specific key is used to encrypt the program code that is to be
stored external to the device. Please contact your local Cirrus representative for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com