Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48DV2B Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS48DV2B
Description  32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48DV2B Datasheet(HTML) 1 Page - Cirrus Logic

  CS48DV2B Datasheet HTML 1Page - Cirrus Logic CS48DV2B Datasheet HTML 2Page - Cirrus Logic CS48DV2B Datasheet HTML 3Page - Cirrus Logic CS48DV2B Datasheet HTML 4Page - Cirrus Logic CS48DV2B Datasheet HTML 5Page - Cirrus Logic CS48DV2B Datasheet HTML 6Page - Cirrus Logic CS48DV2B Datasheet HTML 7Page - Cirrus Logic CS48DV2B Datasheet HTML 8Page - Cirrus Logic CS48DV2B Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Copyright 2008 Cirrus Logic
DEC ’08
CONFIDENTIAL
DS875F1
http://www.cirrus.com
CS48DV2B Data Sheet
FEATURES
World’s most cost-effective 32-bit DSP featuring Dolby®
Volume and Audistry® by Dolby
—
Supports native processing at input Fs up to 48kHz
—
Single download image enables support for 32 KHz,
44.1 kHz, and 48 kHz audio input
CS48DV2B supports up to 2.0 channels of audio input
and up to 2.1 channels of output
Enables concurrent processing features beyond Dolby
Volume including Tone Control, Multiband Parametric EQ,
Bass Management, Delays.
Configurable Serial Audio Inputs/Outputs
—
Configurable for all input/output digital audio types
(I2S/LJ/RJ)
—
32-bit data path delivers uncompromised dynamic
range
—
192 kHz capable integrated S/PDIF transmitter
—
DAO can operate in master or slave mode (SCLK &
LRCLK)
Integrated Clock Manager/PLL
—
Capable of operating from a wide variety of external
crystals or external oscillators
Slave Host Boot Capability via Serial Interface
—
SPI
™ interface capable of running up to 25 MHz
during run time
1.8V Core and 3.3V I/O that is tolerant to 5V input
Low-power Mode enabled
—Energy Star® Design Compliance Capability via low-
power mode, 268 µW in Standby mode
32-bit
DSP
D
M
A
P
X
Y
Serial
Control 1
Up to 2.1 Ch
Audio Out
GPIO
Debug
Watchdog
TMR1
TMR2
PLL
S/PDIF
2.0 Ch.
Audio In
The new CS48DV2B supports a host of signal processing
applications concurrently, including the mass production-ready
Dolby Volume solution. See Section 3. for details about
firmware concurrency on the CS48DV2B. The target
applications for the CS48DV2B DSP are:
—
Digital Televisions
—
Soundbars / DTVs with Integrated Soundbars
—PMD/iPod® Docking Stations
—
Automotive Head Units
—
Automotive Outboard Amplifiers
—
Blu-ray Disc® & DVD Receivers / HTiBs
—
PC Speakers
All of these applications and many more that use volume
control and are subject to playback from sources that do not
have consistent volume levels will benefit from the CS48DV2B
Dolby Volume solution.
Ordering Information:
See page 21 for ordering information.


Similar Part No. - CS48DV2B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS48DV2B CIRRUS-CS48DV2B Datasheet
489Kb / 26P
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
CS48DV2B-CQZ CIRRUS-CS48DV2B-CQZ Datasheet
489Kb / 26P
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
CS48DV2B-DQZ CIRRUS-CS48DV2B-DQZ Datasheet
489Kb / 26P
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
CS48DV2B CIRRUS-CS48DV2B_09 Datasheet
489Kb / 26P
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
More results

Similar Description - CS48DV2B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65863FP MITSUBISHI-M65863FP Datasheet
459Kb / 36P
Dolby Digital Decoder
logo
NXP Semiconductors
NE5241 PHILIPS-NE5241 Datasheet
52Kb / 6P
Dolby ADM digital audio decoder
March 19, 1992
logo
STMicroelectronics
ST18-AU1 STMICROELECTRONICS-ST18-AU1 Datasheet
502Kb / 87P
SIX-CHANNEL DOLBY AC3/MPEG2 AUDIO DECODER
rev ST18
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
logo
Nippon Precision Circui...
QS7777 NPC-QS7777 Datasheet
164Kb / 11P
QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
logo
Sanyo Semicon Device
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
CMOS IC Audistry support Audio DSP
logo
Cirrus Logic
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
32-bit Audio DSP Family
CS48AU2B CIRRUS-CS48AU2B Datasheet
489Kb / 26P
Dedicated 32-bit Audio DSP for Audyssey Laboratories Technology
CS48DV2B CIRRUS-CS48DV2B_09 Datasheet
489Kb / 26P
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
logo
New Japan Radio
NJU26207 NJRC-NJU26207 Datasheet
188Kb / 9P
Dolby Volume Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com