Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48DV2B Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS48DV2B
Description  32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48DV2B Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS48DV2B Datasheet HTML 15Page - Cirrus Logic CS48DV2B Datasheet HTML 16Page - Cirrus Logic CS48DV2B Datasheet HTML 17Page - Cirrus Logic CS48DV2B Datasheet HTML 18Page - Cirrus Logic CS48DV2B Datasheet HTML 19Page - Cirrus Logic CS48DV2B Datasheet HTML 20Page - Cirrus Logic CS48DV2B Datasheet HTML 21Page - Cirrus Logic CS48DV2B Datasheet HTML 22Page - Cirrus Logic CS48DV2B Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
CS48DV2B Data Sheet
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
DS875F1
Copyright 2008 Cirrus Logic
19
CONFIDENTIAL
5.15 Switching Characteristics — Digital Audio Output Port
Parameter
Symbol
Min
Max
Unit
DAO_MCLK period
Tdaomclk
40
-
ns
DAO_MCLK duty cycle
-
45
55
%
DAO_SCLK period for Master or Slave mode1
1. Master mode timing specifications are characterized, not production tested.
Tdaosclk
40
-
ns
DAO_SCLK duty cycle for Master or Slave mode1
-40
60
%
Master Mode (Output A1 Mode)1,2
2. Master mode is defined as the CS48DVxx driving both DAO_SCLK, DAO_LRCLK. When MCLK is an input, it is divided to produce
DAO_SCLK, DAO_LRCLK.
DAO_SCLK delay from DAO_MCLK rising edge,
DAO_MCLK as an input
tdaomsck
-19
ns
DAO_LRCLK delay from DAO_SCLK transition, respectively3
3. This timing parameter is defined from the non-active edge of DAO_SCLK. The active edge of DAO_SCLK is the point at which the
data is valid.
tdaomstlr
-8
ns
DAO_SCLK delay from DAO_LRCLK transition, respectively3
tdaomlrts
-8
ns
DAO1_DATA[3..0], DAO2_DATA[1..0]
delay from DAO_SCLK transition3
tdaomdv
-10
ns
Slave Mode (Output A0 Mode)4
4. Slave mode is defined as DAO_SCLK, DAO_LRCLK driven by an external source.
DAO1_DATA[3..0], DAO2_DATA[1..0]
delay from DAO_SCLK transition3
tdaosdv
-15
ns
DAO_LRCLK delay from DAO_SCLK transition, respectively3
tdaosstlr
-30
ns
DAO_SCLK delay from DAO_LRCLK transition, respectively3
tdaoslrts
-15
ns
DAO_MCLK
DAO_SCLK
DAO_LRCLK
DAOn_DATAn
tdaomlclk
tdaomsck
tdaomdv
tdaomlrts
DAO_MCLK
DAO_SCLK
DAO_LRCLK
DAOn_DATAn
tdaomclk
tdaomsck
tdaomstlr
Note: In these diagrams, Falling edge is the inactive edge of DAO_SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com