Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5532
Description  16-bit and 24-bit ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5532 Datasheet HTML 4Page - Cirrus Logic CS5532 Datasheet HTML 5Page - Cirrus Logic CS5532 Datasheet HTML 6Page - Cirrus Logic CS5532 Datasheet HTML 7Page - Cirrus Logic CS5532 Datasheet HTML 8Page - Cirrus Logic CS5532 Datasheet HTML 9Page - Cirrus Logic CS5532 Datasheet HTML 10Page - Cirrus Logic CS5532 Datasheet HTML 11Page - Cirrus Logic CS5532 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
CS5531/32/33/34-AS
8
DS289F5
5 V DIGITAL CHARACTERISTICS
(VA+, VD+ = 5 V ±5%; VA-, DGND = 0 V;
See Notes 2 and 16.)
3 V DIGITAL CHARACTERISTICS
(TA = 25 °C; VA+ = 5V ±5%; VD+ = 3.0V±10%; VA-, DGND = 0V;
See Notes 2 and 16.)
16. All measurements performed under static conditions.
Parameter
Symbol
Min
Typ
Max
Unit
High-level Input Voltage
All Pins Except SCLK
SCLK
VIH
0.6 VD+
(VD+) - 0.45
-
-
VD+
VD+
V
Low-level Input Voltage
All Pins Except SCLK
SCLK
VIL
0.0
0.0
-0.8
0.6
V
High-level Output Voltage
A0 and A1, Iout = -1.0 mA
SDO, Iout = -5.0 mA
VOH
(VA+) - 1.0
(VD+) - 1.0
--
V
Low-level Output Voltage
A0 and A1, Iout = 1.0 mA
SDO, Iout = 5.0 mA
VOL
-
-
(VA-) + 0.4
0.4
V
Input Leakage Current
Iin
-±1
±10
µA
SDO Tri-state Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
Parameter
Symbol
Min
Typ
Max
Unit
High-level Input Voltage
All Pins Except SCLK
SCLK
VIH
0.6 VD+
(VD+) - 0.45
-VD+
VD+
V
Low-level Input Voltage
All Pins Except SCLK
SCLK
VIL
0.0
0.0
-0.8
0.6
V
High-level Output Voltage
A0 and A1, Iout = -1.0 mA
SDO, Iout = -5.0 mA
VOH
(VA+) - 1.0
(VD+) - 1.0
--
V
Low-level Output Voltage
A0 and A1, Iout = 1.0 mA
SDO, Iout = 5.0 mA
VOL
-
-
(VA-) + 0.4
0.4
V
Input Leakage Current
Iin
-±1
±10
µA
SDO Tri-state Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com