Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5532
Description  16-bit and 24-bit ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5532 Datasheet HTML 17Page - Cirrus Logic CS5532 Datasheet HTML 18Page - Cirrus Logic CS5532 Datasheet HTML 19Page - Cirrus Logic CS5532 Datasheet HTML 20Page - Cirrus Logic CS5532 Datasheet HTML 21Page - Cirrus Logic CS5532 Datasheet HTML 22Page - Cirrus Logic CS5532 Datasheet HTML 23Page - Cirrus Logic CS5532 Datasheet HTML 24Page - Cirrus Logic CS5532 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
CS5531/32/33/34-AS
DS289F5
21
PERFORM CALIBRATION
Function:
These commands instruct the ADC to perform a calibration on the physical input channel se-
lected by the setup register which is chosen by the command byte pointer bits (CSRP2 -
CSRP0).
CSRP [2:0] (Channel Setup Register Pointer Bits)
000
Setup 1 (All devices)
001
Setup 2 (All devices)
010
Setup 3 (All devices)
011
Setup 4 (All devices)
100
Setup 5 (All devices)
101
Setup 6 (All devices)
110
Setup 7 (All devices)
111
Setup 8 (All devices)
CC [2:0] (Calibration Control Bits)
000
Reserved
001
Self-Offset Calibration
010
Self-Gain Calibration
011
Reserved
100
Reserved
101
System-Offset Calibration
110
System-Gain Calibration
111
Reserved
SYNC1
Function:
Part of the serial port re-initialization sequence.
SYNC0
Function:
End of the serial port re-initialization sequence.
NULL
Function:
This command is used to clear a port flag and keep the converter in the continuous conversion mode.
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
1
0
CSRP2
CSRP1
CSRP0
CC2
CC1
CC0
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
1
111
11
11
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
1
111
11
10
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
0
000
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com