Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5532
Description  16-bit and 24-bit ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5532 Datasheet HTML 1Page - Cirrus Logic CS5532 Datasheet HTML 2Page - Cirrus Logic CS5532 Datasheet HTML 3Page - Cirrus Logic CS5532 Datasheet HTML 4Page - Cirrus Logic CS5532 Datasheet HTML 5Page - Cirrus Logic CS5532 Datasheet HTML 6Page - Cirrus Logic CS5532 Datasheet HTML 7Page - Cirrus Logic CS5532 Datasheet HTML 8Page - Cirrus Logic CS5532 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
CS5531/32/33/34-AS
DS289F5
3
LIST OF FIGURES
Figure 1. SDI Write Timing (Not to Scale)............................................................................... 11
Figure 2. SDO Read Timing (Not to Scale)............................................................................. 11
Figure 3. Multiplexer Configuration ......................................................................................... 12
Figure 4. Input models for AIN+ and AIN- pins ....................................................................... 13
Figure 5. Measured Voltage Noise Density............................................................................. 13
Figure 6. CS5531/32/33/34 Register Diagram ........................................................................ 14
Figure 7. Command and Data Word Timing ........................................................................... 22
Figure 8. Guard Signal Shielding Scheme .............................................................................. 24
Figure 9. Input Reference Model when VRS = 1 .................................................................... 25
Figure 10. Input Reference Model when VRS = 0 .................................................................. 25
Figure 11. Self-calibration of Offset......................................................................................... 32
Figure 12. Self-calibration of Gain........................................................................................... 32
Figure 13. System Calibration of Offset .................................................................................. 32
Figure 14. System Calibration of Gain .................................................................................... 32
Figure 15. Synchronizing Multiple ADCs................................................................................. 36
Figure 16. Digital Filter Response (Word Rate = 60 Sps) ....................................................... 38
Figure 17. 120 Sps Filter Magnitude Plot to 120 Hz ............................................................... 38
Figure 18. 120 Sps Filter Phase Plot to 120 Hz ...................................................................... 38
Figure 19. Z-Transforms of Digital Filters................................................................................ 38
Figure 20. On-chip Oscillator Model........................................................................................ 39
Figure 21. CS5532 Configured with a Single +5 V Supply ..................................................... 40
Figure 22. CS5532 Configured with ±2.5 V Analog Supplies.................................................. 41
Figure 23. CS5532 Configured with ±3 V Analog Supplies..................................................... 41
Figure 24. CS5532 Configured for Thermocouple Measurement ........................................... 42
Figure 25. Bridge with Series Resistors .................................................................................. 42
LIST OF TABLES
Table 1. Conversion Timing – Single Mode ............................................................................ 34
Table 2. Conversion Timing – Continuous Mode .................................................................... 34
Table 3. Command Byte Pointer ............................................................................................. 35
Table 4. Output Coding for 16-bit CS5531 and CS5533......................................................... 36
Table 5. Output Coding for 24-bit CS5532 and CS5534......................................................... 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com