Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5532
Description  16-bit and 24-bit ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5532 Datasheet HTML 22Page - Cirrus Logic CS5532 Datasheet HTML 23Page - Cirrus Logic CS5532 Datasheet HTML 24Page - Cirrus Logic CS5532 Datasheet HTML 25Page - Cirrus Logic CS5532 Datasheet HTML 26Page - Cirrus Logic CS5532 Datasheet HTML 27Page - Cirrus Logic CS5532 Datasheet HTML 28Page - Cirrus Logic CS5532 Datasheet HTML 29Page - Cirrus Logic CS5532 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
CS5531/32/33/34-AS
26
DS289F5
2.3.9. Configuration Register Descriptions
PSS (Power Save Select)[31]
0
Standby Mode (Oscillator active, allows quick power-up).
1
Sleep Mode (Oscillator inactive).
PDW (Power Down Mode)[30]
0
Normal Mode
1
Activate the power save select mode.
RS (Reset System)[29]
0
Normal Operation.
1
Activate a Reset cycle. See System Reset Sequence in the datasheet text.
RV (Reset Valid)[28]
0
Normal Operation
1
System was reset. This bit is read only. Bit is cleared to logic zero after the configuration register is read.
IS (Input Short)[27]
0
Normal Input
1
All signal input pairs for each channel are disconnected from the pins and shorted internally.
GB (Guard Signal Bit)[26]
0
Normal Operation of A0 as an output latch.
1
A0’s output is modified to output the common mode output voltage of the instrumentation amplifier (typically
2.5 V). The output latch select bit is ignored when the guard buffer is activated.
VRS (Voltage Reference Select)[25]
0
2.5 V < VREF ≤ [(VA+) - (VA-)]
11 V
≤ VREF ≤ 2.5V
A1-A0 (Output Latch bits)[24:23]
The latch bits (A0 and A1) will be set to the logic state of these bits upon command word execution if the output
latch select bit (OLS) is set. Note that these logic outputs are powered from VA+ and VA-.
00
A0 = 0, A1 = 0
01
A0 = 0, A1 = 1
10
A0 = 1, A1 = 0
11
A0 = 1, A1 = 1
Output Latch Select, OLS[22]
0
When low, uses the Channel-Setup Register as the source of A1 and A0.
1
When set, uses the Configuration Register as the source of A1 and A0.
NU (Not Used)[21]
0
Must always be logic 0. Reserved for future upgrades.
Offset and Gain Select OGS[20]
0
Calibration registers used are based on the CS1-CS0 bits of the referenced Setup.
1
Calibration registers used are based on the OG1-OG0 bits of the referenced Setup.
D31(MSB)
D30
D29
D28
D27
D26
D25
D24
D23
D22
D21
D20
D19
D18
D17
D16
PSS
PDW
RS
RV
IS
GB
VRS
A1
A0
OLS
NU
OGS
FRS
NU
NU
NU
D15
D14
D13
D12
D11
D10
D9
D8
D7D6
D5
D4D3D2D1D0
NU
NU
NU
NU
NU
NU
NU
NU
NU
NU
NU
NU
NU
NU
NU
NU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com