Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RARUM Datasheet(PDF) 85 Page - ATMEL Corporation

Part # AT83C5123XXX-RARUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RARUM Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button AT83C5123XXX-RARUM Datasheet HTML 81Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 82Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 83Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 84Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 85Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 86Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 87Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 88Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 208 page
background image
85
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = 0000 0000b
Reset Value = 0010 0101b
Reset Value = 1000 0000b
Table 56.
Smart Card Character/Block Waiting Time Register 2
SCWT2 (S:B6h, SCRS=0)
76
54
32
10
WT23
WT22
WT21
WT20
WT19
WT18
WT17
WT16
Bit Number
Bit Mnemonic
Description
7 - 0
WT[23:16]
Waiting Time Byte2
Used together with WT[31:24] and WT[15:0] in registers SCWT3,SCWT1, SCWT0 (see Table 58).
Table 57.
Smart Card Character/Block Waiting Time Register 1
SCWT1 (S:B5h, SCRS=0)
76
54
32
10
WT15
WT14
WT13
WT12
WT11
WT10
WT9
WT8
Bit Number
Bit Mnemonic
Description
7 - 0
WT[15:8]
Waiting Time Byte 1
Used together with WT[31:16] and WT[7:0] in registers SCWT3,SCWT2, SCWT0 (see Table 55).
Table 58.
Smart Card Character/Block Waiting Time Register 0
SCWT0 (S:B4h, SCRS=0)
76
54
32
10
WT7
WT6
WT5
WT4
WT3
WT2
WT1
WT0
Bit Number
Bit Mnemonic
Description
7 - 0
WT[7:0]
Waiting Time Byte 0
WT[31:0] is the reload value of the Waiting Time Counter (WTC).
The WTC is a general-purpose timer. It is using the ETU clock and is controlled by the WTEN bit (see Table 44 on
page 77 and Section “Waiting Time (WT) Counter”, page 67).
When UART bit of Registers is set, the WTC is automatically reloaded at each start bit of the UART. It is used to
check the maximum time between to consecutive start bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com