Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RARUM Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT83C5123XXX-RARUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RARUM Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT83C5123XXX-RARUM Datasheet HTML 18Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 19Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 20Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 21Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 22Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 23Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 24Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 25Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 208 page
background image
22
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Registers
Reset Value = 0XXX X000b
Table 5.
Auxiliary Register - AUXR (8Eh)
7654
3210
DPU
-
-
-
XRS0
EXTRAM
AO
Bit
Number
Bit
Mnemonic
Description
7DPU
Disable weak Pull-up
0
weak pull-up is enabled
1
weak pull-up is disabled
6-3
-
Reserved
The value read from this bit is indeterminate. Do not change these bits.
2XRS0
XRAM Size
0
256 bytes (default)
1
512 bytes
1EXTRAM
EXTRAM bit
Cleared to access internal XRAM using MOVX @ Ri/ @ DPTR.
Set to access external memory.
Programmed by hardware after Power-up regarding Hardware Security Byte
(HSB), default setting , XRAM selected.
0AO
ALE Output bit
Cleared , ALE is emitted at a constant rate of 1/6 the oscillator frequency (or 1/3 if
X2 mode is used)(default).
Set , ALE is active only when a MOVX or MOVC instruction is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com