Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RARUM Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT83C5123XXX-RARUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RARUM Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT83C5123XXX-RARUM Datasheet HTML 49Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 50Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 51Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 52Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 53Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 54Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 55Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 56Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 208 page
background image
53
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Port 3
Port 3 has the following functions:
–
Default function: Port 3 is an 8-bit I/O port.
–
Alternate functions: see table below
Port 3 has the following configurations:
–
Default configuration: Pseudo bi-directional “Port51” digital input/output with
internal pull-ups.
–
Alternate configurations: See Table 32.
Table 32.
Port 3 Description
Port
Alternate Functions
Configurations
Signal
Description
Mode 1
Mode 2
Mode 3
Mode 4
P3.0
RxD
Receiver data input (asynchronous) or data input/output
(synchronous) of the serial interface
Push-pull
KB_OUT
Input WPU
P3.1
TxD
Transmitter data output (asynchronous) or clock output
(synchronous) of the serial interface
Push-pull
KB_OUT
Input WPU
P3.2
INT0
External interrupt 0 input/timer 0 gate control input
LED0
P3.3
INT1
External interrupt 1input/timer 1 gate control input
Push-pull
KB_OUT
Input WPU
P3.4
T0
Timer 0 counter input
Push-pull
KB_OUT
Input WPU
LED1
P3.5
T1
Timer 1 counter input
P3.6
WR
External Data Memory write strobe; latches the data byte
from port 0 into the external data memory
LED2
P3.7
RD
External Data Memory read strobe; Enables the external
data memory. Port 3 can drive CMOS inputs without external
pull-ups
LED3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com