Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RARUM Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT83C5123XXX-RARUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RARUM Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT83C5123XXX-RARUM Datasheet HTML 43Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 44Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 45Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 46Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 47Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 48Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 49Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 50Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 208 page
background image
47
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
If the CK_CPU <= 4/3 * CK_ISO, the SCIB doesn’t work.
If the CK_CPU >= 6* CK_ISO, the programmer must take care of three cases:
•
Read (or write) operation on a SCIB register followed immediatly with an other Read
(or write) operation on the same register.
•
Read (or write) operation on a SCIB register followed immediatly with an other Read
(or write) operation on a linked register. The list of linked registers is in the table
below.
•
Write operation on a register of the list below followed immediatly with a read
operation on a SCIB register.
To avoid any trouble, a delay must be added between the two accesses on the SCIB
register. The SCIB must complete the first read (or write) operation before to receive the
second. A solution is to add NOP (no operation) instructions. The number of NOP to add
depends of the rate between CK_CPU and CK_ISO (see table below).
Alternate Card Clock
The alternate Card uses the peripheral clock divided by the PR3 prescaler. (1; 1/2; 1/4;
1/8 division ratio). See Section "Alternate Card", page 76 for the definition of the alter-
nate clock.
DC/DC Converter Clock
The DC/DC block needs a clock with a 50% duty cycle. The frequency must also be
included in the range 3.68 MHz and 6 MHz. The PR4 prescaler is used to configure the
DC/DC frequency.
Linked registers
Write in SCICR and after read of SCETU0-1
Write in SCIBUF and after read of SCISR
Wait after Write operation on this registers
SCICR, SCIER, SCETU0-1,SCGT0-1,
SCWT0-3,SCCON
Min CLK_CPU
Max CLK_CPU
Number of
CPU cycles to add
CLK_CPU >= 6 * CLK_ISO
CLK_CPU <= 12 * CLK_ISO
6 ( example1 NOP)
CLK_CPU >= 12* CLK_ISO
CLK_CPU <= 16 * CLK_ISO
12 ( example 2 NOP)
XTAL1 (MHz)
DCCKPS3:0 value
Prescaler Factor
DC/DC converter CLK (MHz)
80
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com