Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RARUM Datasheet(PDF) 115 Page - ATMEL Corporation

Part # AT83C5123XXX-RARUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RARUM Datasheet(HTML) 115 Page - ATMEL Corporation

Back Button AT83C5123XXX-RARUM Datasheet HTML 111Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 112Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 113Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 114Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 115Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 116Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 117Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 118Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 119Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 208 page
background image
115
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Registers
Reset Value = 0000 0000b
Table 64.
USB Global Control Register - USBCON (S:BCh)
7
6
5
43210
USBE
SUSPCLK
SDRMWUP
DETACH
UPRSM
RMWUPE
CONFG
FADDEN
Bit
Number
Bit
Mnemonic
Description
7USBE
USB Enable
Set this bit to enable the USB controller.
Clear this bit to disable and reset the USB controller, to disable the USB
transceiver and to disable the USB controller clock inputs.
6SUSPCLK
Suspend USB Clock
Set this bit to disable the 48MHz clock input (Resume Detection is still active).
Clear this bit to enable the 48MHz clock input.
5SDRMWUP
Send Remote Wake-up
Set this bit to force an external interrupt on the USB controller for Remote Wake
UP purpose.
An upstream resume is send only if the bit RMWUPE is set, all USB clocks are
enabled AND the USB bus was in SUSPEND state for at least 5 ms. See UPRSM
below. This bit is cleared by software.
4DETACH
Detach Command
Set this bit to simulate a Detach on the USB line. The
VREF pin is then in a
floating state.
Clear this bit to maintain VREF at 3.3V.
3UPRSM
Upstream Resume (read only)
This bit is set by hardware when SDRMWUP has been set and if RMWUPE is
enabled.
This bit is cleared by hardware after the upstream resume has been sent.
2RMWUPE
Remote Wake-Up Enable
Set this bit to enabled request an upstream resume signaling to the host.
Clear this bit otherwise.
Note: Do not set this bit if the host has not set the DEVICE_REMOTE_WAKEUP
feature for the device.
1CONFG
Configured
This bit should be set by the device firmware after a SET_CONFIGURATION
request with a non-zero value has been correctly processed.
It should be cleared by the device firmware when a SET_CONFIGURATION
request with a zero value is received. It is cleared by hardware on hardware reset
or when an USB reset is detected on the bus (SE0 state for at least 32 Full Speed
bit times: typically 2.7
μs).
0
FADDEN
Function Address Enable
This bit should be set by the device firmware after a successful status phase of a
SET_ADDRESS transaction.
It should not be cleared afterwards by the device firmware. It is cleared by
hardware on hardware reset or when an USB reset is received (see above).
When this bit is cleared, the default function address is used (0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com