Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RARUM Datasheet(PDF) 170 Page - ATMEL Corporation

Part # AT83C5123XXX-RARUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RARUM Datasheet(HTML) 170 Page - ATMEL Corporation

Back Button AT83C5123XXX-RARUM Datasheet HTML 166Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 167Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 168Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 169Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 170Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 171Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 172Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 173Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 174Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 208 page
background image
170
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Microcontroller Reset
Introduction
The internal reset is used to start up (cold reset) or to re-start (warm reset) the micro-
controller activity. When the reset is applied (active state), all internal registers are
initialized so that the microcontroller starts from a known and clean state for the program
always runs as expected.
The reset is released (inactive state) when the following conditions are internally met :
–
The power supply has reatched a minimum level which garantees that the
microcontroller works properly
–
The on-chip oscillator has reached a minimum oscillation level which
ensures a good noise to signal ratio and a correct internal duty cycle
–
the active state duration is at least two machine cycles.
If one of the above conditions is not met the microcontroller is not correctly reset and
might not work properly.
The internal reset comes from four different sources :
–
Reset pin
–Power On Reset (POR)
–
Power Fail Detector (PFD)
–
Hardware Watch-Dog Timer (WDT)
Figure 100.
Reset bock diagram
Watch Dog
RST
Internal Reset
Timer
Microcontroller
Vcc
3.3V Internal
Digital Regulator
C51
Core
VCore
POR
PFD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com