Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RARUM Datasheet(PDF) 204 Page - ATMEL Corporation

Part # AT83C5123XXX-RARUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RARUM Datasheet(HTML) 204 Page - ATMEL Corporation

Back Button AT83C5123XXX-RARUM Datasheet HTML 200Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 201Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 202Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 203Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 204Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 205Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 206Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 207Page - ATMEL Corporation AT83C5123XXX-RARUM Datasheet HTML 208Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 204 / 208 page
background image
204
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Datasheet Revision History
Changes from 4202A to 4202B
1. Product AT8xEC5122 added.
2. Products AT83C5123 and AT83EC5123 added.
Changes from 4202B to 4202C
1. All sections updated.
2. QFN64 and QFN32 packages added.
3. SCIB section : VCC must be higher than 4.0V when DC/DC is operated at 5V.
Changes from 4202C to 4202D
1. Product AT89C5122DS added (EA pin changed to VCC)
2. Typical applications section: external pull-up shown on CIO pin
3. Ports section : Detailed explanations on CIO, CC4, CC8 quasi-bidirectional ports
4. Ordering information section: AT89C5122DS part-numbers added
Changes from 4202D to 4202E
1. Changed input voltage frequency from 3.6V to 3.0V throughout the document.
2. Update of DC parameters of smart card interface to be EMV 4.1 compliant.
Changes from 4202E to 4202F
1. Product AT83EC5122 and AT83EC5123 removed.
2. Product AT83R5122 added.
3. Package PLCC28 not supported anymore.
4. Global update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com