Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB6B2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # USB6B2
Description  DATA LINES PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USB6B2 Datasheet(HTML) 3 Page - STMicroelectronics

  USB6B2 Datasheet HTML 1Page - STMicroelectronics USB6B2 Datasheet HTML 2Page - STMicroelectronics USB6B2 Datasheet HTML 3Page - STMicroelectronics USB6B2 Datasheet HTML 4Page - STMicroelectronics USB6B2 Datasheet HTML 5Page - STMicroelectronics USB6B2 Datasheet HTML 6Page - STMicroelectronics USB6B2 Datasheet HTML 7Page - STMicroelectronics USB6B2 Datasheet HTML 8Page - STMicroelectronics USB6B2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
USB6Bx
3/9
While the USB6Bx provides a high immunity to
ESD surge, an efficient protection depends on the
layout of the board. In the same way, with the rail to
rail topology, the track from the VCC pin to the
power supply and from the GND pin to GND volt-
age must be as short as possible to avoid
overvoltages due to parasitic phenomena (see Fig
A1).
It’s often harder to connect the power supply near
to the USB6Bx unlike the ground thanks to the
ground plane that allows a short connection.
To ensure the same efficiency for positive surges
when the connections can’t be short enough, we
recommend to put close to the USB6Bx between
VCC and ground, a capacitance of 100nF to pre-
vent from these kinds of overvoltage disturbances
(see Fig. A2 ).
The add of this capacitance will allow a better pro-
tection by providing during surge a constant volt-
age.
Fig. A3 shows the improvement of the ESD pro-
tection according to the recommendations de-
scribed above.
HOW TO ENSURE A GOOD ESD PROTECTION
Fig. A2: ESD behavior: optimized layout and add
of a capacitance of 100nF.
REF1=GND
VI/O
ESD
SURGE
I/O
REF2=+Vcc
C=100nF
Lw
Vcl+ = Vcc+Vf
-Vf
surge >0
surge <0
Vcl- =
t
Vcl+
POSITIVE
SURGE
t
Vcl-
NEGATIVE
SURGE
IMPORTANT:
A main precaution to take is to put the protection
device closer to the disturbance source (generally
the connection).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com