Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB6B2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # USB6B2
Description  DATA LINES PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USB6B2 Datasheet(HTML) 4 Page - STMicroelectronics

  USB6B2 Datasheet HTML 1Page - STMicroelectronics USB6B2 Datasheet HTML 2Page - STMicroelectronics USB6B2 Datasheet HTML 3Page - STMicroelectronics USB6B2 Datasheet HTML 4Page - STMicroelectronics USB6B2 Datasheet HTML 5Page - STMicroelectronics USB6B2 Datasheet HTML 6Page - STMicroelectronics USB6B2 Datasheet HTML 7Page - STMicroelectronics USB6B2 Datasheet HTML 8Page - STMicroelectronics USB6B2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
USB6Bx
4/9
Fig. A3: recommended configuration for USB port protection.
1
Vbus
D+
D-
GND
USB output
connector
USB
IC
Universal Serial Bus.
The new data transmission standard, Universal
Serial Bus (USB) is being driven by market leaders
in the world of Computer and Telecommunica-
tions,
including
Compaq,
DEC,
IBM,
Intel,
Microsoft, NEC and Nortel, and will become the
leading transmission protocol within the next few
years.
This
standard
mainly
provides
simplified
interconnectivity. Specialized ports on the back of
the present PC will largely be replaced by USB
ports. Many peripherals such as printers, key-
boards, monitors and joysticks will also host USB
ports.
The USB offers high speed communication rates
up to 12 Mbit/s. Only two wires (D+, D-) are re-
quired for data transfer. Additionally, limited
amount of power for USB devices located on the
downstream can also be transmitted on two sepa-
rate conductors within the same cable.
Protection to support USB.
Designers dealing with the USB chips are con-
cerned about electrostatic discharge sensitivity
(ESD) of their USB controller ICs.
The USB controller is more than just a driver /
receiver; it acts as a microcontroller which
manages power and direct signal traffic. This
complexity increases its cost over conven-
tional devices. Therefore, a failure of a USB
port could result in costly computer failure.
In order to prevent these fast transients from
leading to severe damages in a system, a
specific protection has been developed by
STMicroelectronics. The USB6Bx protects
not only the two wires of data transmission,
but also keep the power rails in a safe limit.
The capacitance between the I/O transmission
wires provides no significant signal distortion at the
12 Mbit/s data rate, thus allowing full compatibility
with USB standard.
Available either in a compact SO8 or in a
through-hole DIL8 package, this protective ele-
ment requires minimal board space and eases the
PCB layout thanks to its direct compatibility with
the USB connector pin-out.
TECHNICAL INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com