Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB6B2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # USB6B2
Description  DATA LINES PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USB6B2 Datasheet(HTML) 1 Page - STMicroelectronics

  USB6B2 Datasheet HTML 1Page - STMicroelectronics USB6B2 Datasheet HTML 2Page - STMicroelectronics USB6B2 Datasheet HTML 3Page - STMicroelectronics USB6B2 Datasheet HTML 4Page - STMicroelectronics USB6B2 Datasheet HTML 5Page - STMicroelectronics USB6B2 Datasheet HTML 6Page - STMicroelectronics USB6B2 Datasheet HTML 7Page - STMicroelectronics USB6B2 Datasheet HTML 8Page - STMicroelectronics USB6B2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
USB6Bx
®
DATA LINES PROTECTION
August 1999 Ed : 5A
Application Specific Discretes
A.S.D.
SO8
DIL8
FUNCTIONAL DIAGRAM
Vcc
Vcc
I/01
I/01
I/02
I/02
GND
GND
MIL STD 883C - Method 3015-6
class 3
C = 100 pF
R = 1500
Ω
3 positive strikes and 3 negative strikes (F=1Hz)
IEC-1000-4-2 level 4
15 kV
(air discharge)
8 kV
(contact discharge)
COMPLIES WITH THE FOLLOWING STANDARDS:
TM: ASD and TRANSIL are trademarks of ST Microelectronics.
Where transient overvoltage protection in sensi-
tive equipment is required, such as:
- Universal Serial Bus ports
- RS-423 interfaces
- RS-485 interfaces
- ISDN equipment
- T1/E1 line cards
- HDSL / ASDL interfaces
APPLICATIONS
n
Full diode bridge with integrated clamping protection
n
Breakdown voltage : VBR = 6V min.
n
Peak pulse power dissipation : PPP = 500W (8/20
µs)
n
Very low capacitance, compatible with high debit
data or signal rates.
FEATURES
In order to prevent fast transients from leading
to severe damages in a high speed data sys-
tem, a specific protection has been developed
by STMicroelectronics.
The USB6Bx protects the two input lines
against overvoltage. Besides, this device also
keeps the power rails in a safe limit thanks to
the integrated Transil diode.
DESCRIPTION
n
Provides protection for each line and between
the supply voltage and GND : 25A , 8/20
µs.
n
High ESD protection level : up to level 3 per
MIL STD 883C-Method 3015-6
n
Separated inputs and outputs (so-called 4-point
structure) to improve ESD susceptibility.
n
Comprehensive package pin-out for immediate
implementation.
BENEFITS


Similar Part No. - USB6B2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB6B MICROSEMI-USB6B Datasheet
69Kb / 2P
TVSarray Series
USB6B1 MICROSEMI-USB6B1 Datasheet
69Kb / 2P
TVSarray Series
logo
STMicroelectronics
USB6B1 STMICROELECTRONICS-USB6B1 Datasheet
124Kb / 9P
Data line protection
16-Aug-2006
USB6B1RL STMICROELECTRONICS-USB6B1RL Datasheet
124Kb / 9P
Data line protection
16-Aug-2006
USB6B1 STMICROELECTRONICS-USB6B1_06 Datasheet
124Kb / 9P
Data line protection
16-Aug-2006
More results

Similar Description - USB6B2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
logo
STMicroelectronics
AN588 STMICROELECTRONICS-AN588 Datasheet
222Kb / 12P
Destined for the protection of data transmission lines
03-Jun-2004
logo
NXP Semiconductors
PESD1USB3SZ NXP-PESD1USB3SZ Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
PESD2USB3SZ NXP-PESD2USB3SZ Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
PESD3USB3SZ NXP-PESD3USB3SZ Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
logo
Nexperia B.V. All right...
PESDXUSB30 NEXPERIA-PESDXUSB30 Datasheet
3Mb / 19P
ESD protection for differential data lines
PESDXUSB3S NEXPERIA-PESDXUSB3S Datasheet
1,002Kb / 16P
ESD protection for differential data lines
PESDXUSB30_SER NEXPERIA-PESDXUSB30_SER Datasheet
3Mb / 19P
ESD protection for differential data lines
Rev. 2 - 26 April 2016
PESDXUSB3B_SER NEXPERIA-PESDXUSB3B_SER Datasheet
1Mb / 18P
ESD protection for differential data lines
Rev. 2 - 29 January
PESDXUSB3S_SER NEXPERIA-PESDXUSB3S_SER Datasheet
1,001Kb / 16P
ESD protection for differential data lines
Rev. 4 - 30 January 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com