Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB6B2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # USB6B2
Description  DATA LINES PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USB6B2 Datasheet(HTML) 6 Page - STMicroelectronics

  USB6B2 Datasheet HTML 1Page - STMicroelectronics USB6B2 Datasheet HTML 2Page - STMicroelectronics USB6B2 Datasheet HTML 3Page - STMicroelectronics USB6B2 Datasheet HTML 4Page - STMicroelectronics USB6B2 Datasheet HTML 5Page - STMicroelectronics USB6B2 Datasheet HTML 6Page - STMicroelectronics USB6B2 Datasheet HTML 7Page - STMicroelectronics USB6B2 Datasheet HTML 8Page - STMicroelectronics USB6B2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
USB6Bx
6/9
Symbol
Parameter
Value
Unit
min.
typ.
max.
VBR
Breakdown voltage between Vbus and
GND
IR=1mA
6
V
IRM
Leakage current
VRM=5.25V
10
µA
C
Capacitance between pins D+ and D-
VOSC =30mV, F=1MHz, VR=0V
VCC
not connected
15
pF
Capacitance between pins D+ (or D-) and GND
VOSC =30mV, F=1MHz, VR=5V
VCC=5V
25
pF
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC1000-4-2 contact discharge
IEC1000-4-2 air discharge
MIL STD883C-Method 3015-6
8
15
4
kV
PPP
Peak pulse power
8/20
µs
500
W
IPP
Peak pulse current
8/20
µs25
A
Tstg
Tj
Storage temperature range
Maximum junction temperature
-55to+150
+ 150
°C
°C
TL
Lead solder temperature (10s duration)
260
°C
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com