Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB024 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VB024
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB024 Datasheet(HTML) 7 Page - STMicroelectronics

  VB024 Datasheet HTML 1Page - STMicroelectronics VB024 Datasheet HTML 2Page - STMicroelectronics VB024 Datasheet HTML 3Page - STMicroelectronics VB024 Datasheet HTML 4Page - STMicroelectronics VB024 Datasheet HTML 5Page - STMicroelectronics VB024 Datasheet HTML 6Page - STMicroelectronics VB024 Datasheet HTML 7Page - STMicroelectronics VB024 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.35
5.65
0.210
0.222
B
3.4
3.7
0.133
0.145
C
0.8
1.28
0.031
0.050
D
2.95
3.1
0.116
0.122
D1
1.95
2.15
0.076
0.084
E
0.5
0.6
0.019
0.023
F
1.1
0.043
F1
0.7
0.8
0.027
0.031
F2
1.4
0.055
G
4.88
5.28
0.192
0.207
G1
7.42
7.82
0.292
0.308
G2
9.96
10.36
0.392
0.408
H
15.9
16.1
0.626
0.634
L1
19.85
20.15
0.781
0.793
L2
19.35
19.65
0.761
0.773
L3
8.9
9.1
0.350
0.358
L4
28
29
1.102
1.141
L5
4.9
5.1
0.193
0.201
L6
15.9
16.1
0.626
0.634
L7
2.1
2.3
0.082
0.090
L8
23
23.4
0.905
0.921
L9
24.8
25.2
0.976
0.992
L10
19.8
20.2
0.779
0.795
L11
17.7
18.3
0.697
0.720
M
7.83
8.33
0.308
0.328
N
2.75
3.25
0.108
0.128
∅
3.5
3.7
0.138
0.145
L4
Dia.
L1
L5
L6
L8
L7
Ø
L9
L10
L11
L2
L3
ISOWATT7 MECHANICAL DATA
P033B
VB024
7/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com