Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB024 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB024
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB024 Datasheet(HTML) 1 Page - STMicroelectronics

  VB024 Datasheet HTML 1Page - STMicroelectronics VB024 Datasheet HTML 2Page - STMicroelectronics VB024 Datasheet HTML 3Page - STMicroelectronics VB024 Datasheet HTML 4Page - STMicroelectronics VB024 Datasheet HTML 5Page - STMicroelectronics VB024 Datasheet HTML 6Page - STMicroelectronics VB024 Datasheet HTML 7Page - STMicroelectronics VB024 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VB024
HIGH VOLTAGE IGNITION COIL DRIVER
POWER IC
s
PRIMARY COIL CURRENT INTERNALLY SET
s
PRIMARY COIL VOLTAGE INTERNALLY SET
s
AUTOMATIC SHUT-OFF AT MAX CURRENT
s
LOGIC LEVEL COMPATIBLE INPUT
s
DIGITAL SIGNAL FEEDBACK TO INDICATE
A PREDETERMINED CURRENT LEVEL
DESCRIPTION
The VB024 is a high voltage integrated circuit
made using SGS-THOMSON VIPower thecnology,
with vertical current flow power darlington and logic
level compatible driving circuit.
The device performs the following functions:
power stage for driving the primary side of the
ignition coil, digital signal feedback to the control
IC to indicate a predetermined current level,
automatic shut-off at maximum current, self
clamping for voltage flyback and logic level input.
September 1993
BLOCK DIAGRAM
ISOWATT7
TYPE
VCL
IC
I d
VB024
400 V
8 A
100 mA
1/8


Similar Part No. - VB024

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB025 STMICROELECTRONICS-VB025 Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
logo
List of Unclassifed Man...
VB02505EPL ETC1-VB02505EPL Datasheet
190Kb / 3P
A SERIES OF SPECTRAL - RESPONSE SILICON PHOTOCELLS DESIGNED FOR UNIQUE PRODUCT APPLICATIONS
logo
STMicroelectronics
VB025BSP STMICROELECTRONICS-VB025BSP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB025MSP STMICROELECTRONICS-VB025MSP Datasheet
129Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB025SP STMICROELECTRONICS-VB025SP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
More results

Similar Description - VB024

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB025BSP STMICROELECTRONICS-VB025BSP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB025SP STMICROELECTRONICS-VB025SP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB026BSP STMICROELECTRONICS-VB026BSP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB026SP STMICROELECTRONICS-VB026SP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB027ASP STMICROELECTRONICS-VB027ASP Datasheet
66Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Jun-1999
VB125SP STMICROELECTRONICS-VB125SP Datasheet
78Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Sep-1997
VB922 STMICROELECTRONICS-VB922 Datasheet
67Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Oct-1998
VB923 STMICROELECTRONICS-VB923 Datasheet
58Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Oct-1998
VB927 STMICROELECTRONICS-VB927 Datasheet
37Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Jun-1998
VB025MSP STMICROELECTRONICS-VB025MSP Datasheet
129Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com