Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB024 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VB024
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB024 Datasheet(HTML) 3 Page - STMicroelectronics

  VB024 Datasheet HTML 1Page - STMicroelectronics VB024 Datasheet HTML 2Page - STMicroelectronics VB024 Datasheet HTML 3Page - STMicroelectronics VB024 Datasheet HTML 4Page - STMicroelectronics VB024 Datasheet HTML 5Page - STMicroelectronics VB024 Datasheet HTML 6Page - STMicroelectronics VB024 Datasheet HTML 7Page - STMicroelectronics VB024 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (Vb =12 V; Vs = 5 V Regulated; Tj =25
oC; Rcoil = 500 m
Ω;
Lcoil = 6mH unless otherwise specified)
Symbol
Parameter
Test Conditi ons
Mi n.
Typ.
Max.
Unit
Vcl
High Volt age Clamp
Vin =0.4 V
-40
oC
≤ Tj ≤ 125 oC320
510
V
Vce(sat)
Saturation Voltage of
The Power Stage
Ic =6A;
Id =80 mA;
Vin =4V
2
V
Is(on)
Control Circuit Supply
Current
15
mA
Vs
Control Circuit Supply
Voltage
4.5
5.5
V
Id(on)
Driver Stage Stand-by
Current
Vin =4 V
180
mA
Vd
Driver Stage Supply
Voltage
5.5
16
V
Idiag
Diagnostic Current at
Wich The Flag Switches
-40
oC ≤ Tj ≤ 125 oC
2.75
3.35
mA
VinH
High Level Input Voltage
4
5.5
V
VinL
Low Level I nput Volt age
0
0.2
V
IinH
High Level Input Current Vin =5.5 V
20
600
µA
Vpos
Positive Threshold
2.8
3.2
V
Vneg
Negat ive Threshold
1.3
1.7
V
Vhys
Hysteresis Voltage
1.3
1.7
V
Ic(max)
Turn-Off Current
Vin =4 V -40
oC ≤ Tj ≤ 125 oC7.3
8.8
A
t off
Switch-Off Time
Ic =6 A (see note 1)
10
80
µs
VdiagH
High Level Diagnost ic
Output Voltage
Rflag =20 K
Ω
44.5
V
VdiagL
Low Level Diagnost ic
Output Volatge
Rflag = 100 K
Ω
0.1
V
Note 1: Time fron input swi tching Vne g unti l VCL dr ops to 200 V
PRINCIPLE OF OPERATION
The VB024 is designed to drive the primary side
of an ignition coil and provide a logic signal
output to indicate a predetermined coil current
level. This output signal is used to perform dwell
control. This part is intended for use in Engine
Control Modules. It could also be used in an
ignition module or integrated into an ignition coil
assembly.
The VB024 accepts an input High signal from the
control IC to start charging the primary side of the
ignition coil. When the primary coil current
reaches 3 amps, the VB024 outputs a logic High
signal to the control IC. This flag signal is used in
the calculation of the dwell time.
This device also has a maximum primary coil
current Ic(max) Shut-off feature. Ic(max) equals
aproximately 1.5 times the nominal primary coil
currnet. If the Ic reaches Ic(max), the output stage
will Shut-off causing the spark to occour.
The VB024 is also internally clamped to protect it
from
the
flyback
voltage
of
the
primary
inductance as the output stage is turned off.
OVERVOLTAGE
The VB024 withstand the following transient test
performed using a ”Schaffner” equipment at TA =
80
oC:
1) LOAD DUMP
Ten pulses with 10 second intervals between
each transient. The device withstand load dump
while fully on, fully off and during the transition
between states (see figures 3 and 4).
2) NEGATIVE TRANSIENTS
Ten negative transients with 10 second intervals
between each transient (see figure 5).
3) REVERSE BATTERY
Inversion of battery voltage for a time = 60 sec
(see figure 5).
VB024
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com